Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R43392 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # R43392
Description  SAW Resonator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

R43392 Datasheet(HTML) 2 Page - Integrated Technology Future

  R43392 Datasheet HTML 1Page - Integrated Technology Future R43392 Datasheet HTML 2Page - Integrated Technology Future R43392 Datasheet HTML 3Page - Integrated Technology Future R43392 Datasheet HTML 4Page - Integrated Technology Future R43392 Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAW Resonator R43392
G
Part No.
R43392
Rev. Date
2004-09-14
G
I T F Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809G
Rev.
NS4101-AS01
YV\
G
G
Maximum Ratings
Parameter
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-20
25
85
Storage Temperature Range
°C
-45
-
85
Power Handling Capability
dBm
-
0
-
Electrostatics Sensitive Device (ESD)
Electrical Specification
FR = 433.920MHz
Terminating source impedance : 50Ω and matching network
Terminating load impedance : 50Ω and matching network
Notes :
1) All specifications are based on the matching schematic shown below
2) All specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature
Minimum
Typical
Maximum
Resonance Frequency ( FR)
MHz
433.845
433.920
433.995
Insertion Loss
dB
-
1.5
2.5
50 ohm Loaded Q
Unloaded Q
2,000
12,800
Trun-over Temperature
°C
10
25
40
Temperature Coefficient of Frequency
ppm/°C2
-
-0.032
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com