Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSRS065V0-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CSRS065V0-G
Description  ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSRS065V0-G Datasheet(HTML) 3 Page - Comchip Technology

  CSRS065V0-G Datasheet HTML 1Page - Comchip Technology CSRS065V0-G Datasheet HTML 2Page - Comchip Technology CSRS065V0-G Datasheet HTML 3Page - Comchip Technology CSRS065V0-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
Comchip Technology CO., LTD.
Reel Taping Specification
B
C
d
D
D2
D1
SOT-23-6
SYMBOL
A
(mm)
(inch)
(mm)
(inch)
0.126
0.004
±
0.110
0.004
±
0.052
0.008
±
0.061
0.002
±
7.008
0.04
±
1.969 MIN.
0.512
0.008
±
3.19
0.10
±
2.80
0.10
±
1.55
0.05
±
50.0 MIN.
13.0
0.20
±
1.31
0.20
±
178 1
±
(mm)
(inch)
0.256
0.004
±
0.209
0.004
±
0.098
0.008
±
0.059
0.004
±
12.992
0.04
±
1.969 MIN.
0.531
0.04
±
6.50
0.10
±
5.30
0.10
±
1.50
0.10
±
50.0 MIN.
13.5
1
±
2.50
0.20
±
330 1
±
SOT-143
SOIC-8
E
F
P
P0
P1
T
W
W1
SYMBOL
(mm)
(inch)
(mm)
(inch)
0.069
0.004
±
0.138
0.002
±
0.157
0.004
±
0.157
0.004
±
0.079
0.004
±
0.008
0.002
±
0.315
0.008
±
0.567 MAX.
4.00
0.10
±
3.50
0.05
±
1.75
0.10
±
4.00
0.10
±
2.00
0.10
±
0.22
0.05
±
8.00
0.20
±
14.4 MAX.
(mm)
(inch)
0.069
0.004
±
0.217
0.002
±
0.157
0.004
±
0.157
0.004
±
0.079
0.004
±
0.008
0.002
±
0.472
0.008
±
0.724 MAX.
4.00
0.10
±
5.50
0.05
±
1.75
0.10
±
4.00
0.10
±
2.00
0.10
±
0.22
0.05
±
12.0
0.20
±
18.4 MAX.
SOT-23-6
SOT-143
SOIC-8
Index hole
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
d
E
F
B
W
A
P
P0
P1
D1
D2
D
W1
T
C
Direction of Feed
REV:B
1.969 MIN.
3.17 ± 0.10
3.23 ± 0.10
1.55 ± 0.10
50.0 MIN.
13.0 ± 0.20
1.37 ± 0.10
178 ± 1
0.127 ± 0.004
0.124 ± 0.004
0.054 ± 0.004
0.061 ± 0.004
7.008 ± 0.040
0.512 ± 0.008
4.00 ± 0.10
3.50 ± 0.05
1.75 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
8.00 ± 0.30
14.4 MAX.
0.315 0.012
±
0.138 ± 0.002
0.069 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.567 MAX
0.008 ± 0.002
0.22 ± 0.05
ESD Protection Array
QW-BP013



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com