Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9UG2041 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # L9UG2041
Description  TAPE AND BOX TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG2041 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  L9UG2041 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 6Page - LIGITEK electronics co., ltd. L9UG2041 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TBS-8
Specification
275
60
maxmum
340
mm
-------
-------
-------
-------
-------
-------
-------
-------
-------
-------
OPTION
CODE
-------
-------
-------
2500PCS
Overall Thickness
Quantity/Box
Overall Width
Overall Length
50
H
1.97
265
330
W
L
10.4
13.0
Dimensions Symbol Information
•
Description
minimum
mm
Symbol
inch
Feed Hole Location
REMARK:TBS=Tape And Box Straight Leads
Adhesive Tape Width
Adhesive Tape Position
Tape Width
Center Of Component Location
Overall Taped Package Thickness
Lead Location
Feed Hole Pitch
Lead Length After Component Height
Feed Hole To Overall Component Height
Feed Hole To Bottom Of Component
Tape Feed Hole Diameter
Front-To-Rear Deflection
Component Lead Pitch
Dimension Symbol Information
•
SYMBOL ITEMS
2.4
10.8
13.4
Package Dimensions
•
inch
W0
8.5
0.33
0.38
9.75
0.69
0.57
W3
17.5
W1
W2
14.5
00
19
0.75
15.5
4.0
0.61
0.16
0.49
-------
0.17
P2
5.1
0.2
T
-------
P1
P
4.4
12.4
0.3
7.7
1.42
0.06
5.8
13
0.23
0.51
-------
L
H2
W0
-------
11
36
0.43
1.42
0.96
H1
24.5
25.5
1.0
0.09
-------
0.15
inch
△
H
F
-------
2.3
D
3.8
mm
2.0
3.0
0.08
0.12
4.2
mm
0.17
inch
Page 3/6
SPECIFICATIONS
SYMBOL
Minimum
Maximum
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. L9UG2041/P1-PF/TBS-8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com