Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1045 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MBRF1045
Description  SWITCHMODE??Schottky Power Rectifirers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRF1045 Datasheet(HTML) 3 Page - Motorola, Inc

  MBRF1045 Datasheet HTML 1Page - Motorola, Inc MBRF1045 Datasheet HTML 2Page - Motorola, Inc MBRF1045 Datasheet HTML 3Page - Motorola, Inc MBRF1045 Datasheet HTML 4Page - Motorola, Inc MBRF1045 Datasheet HTML 5Page - Motorola, Inc MBRF1045 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBRF1045
3
Rectifier Device Data
Figure 5. Capacitance
150
200
300
500
700
1000
1500
0.05 0.1
0.2
0.5
1
5
10
20
50
VR, REVERSE VOLTAGE (VOLTS)
2
TYPICAL
MAXIMUM
HIGH FREQUENCY OPERATION
Since current flow in a Schottky rectifier is the result of
majority carrier conduction, it is not subject to junction diode
forward and reverse recovery transients due to minority
carrier injection and stored charge. Satisfactory circuit
analysis work may be performed by using a model consisting
of an ideal diode in parallel with a variable capacitance. (See
Figure 5.)
Rectification efficiency measurements show that operation
will be satisfactory up to several megahertz. For example,
relative waveform rectification efficiency is approximately 70
percent at 2.0 MHz, e.g., the ratio of dc power to RMS power
in the load is 0.28 at this frequency, whereas perfect
rectification would yield 0.406 for sine wave inputs. However,
in contrast to ordinary junction diodes, the loss in waveform
efficiency is not indicative of power loss; it is simply a result of
reverse current flow through the diode capacitance, which
lowers the dc output voltage.
Figure 6. Test Circuit for dv/dt and Reverse Surge Current
2.0
µs
1.0 kHz
12 V
100
12 Vdc
VCC
2N2222
100
CARBON
2N6277
1.0 CARBON
1N5817
D.U.T.
4.0
µF
+
2.0 k
Ω
+150 V, 10 mAdc
CURRENT
AMPLITUDE
ADJUST
0 – 10 AMPS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com