Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9UG22443 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # L9UG22443
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG22443 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  L9UG22443 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG22443 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG22443 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG22443 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG22443 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Parameter
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Electrostatic Discharge
Storage Temperature
Soldering Temperature
AlGaInP
MATERIAL
Operating Temperature
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
Absolute Maximum Ratings at Ta=25 ℃
Typical Electrical & Optical Characteristics (Ta=25 ℃)
L9UG22443
PART NO
Forward Current
PART NO.
V
2000
ESD
Luminous
intensity
@20mA(mcd)
Forward
voltage
@20mA(V)
Water Clear
Green
COLOR
Emitted
Lens
574
20
1.7
2.6
Spectral
halfwidth
△λ
nm
wave
length
λ nm
D
Dominant
Typ. Max.
20
550
350
Viewing
angle
2θ 1/2
(deg)
Typ.
Min.
Max 260℃ for 5 sec Max
(2mm from body)
Tsol
Topr
Tstg
-40 ~ +100
-40 ~ + 85
℃
℃
Ir
PD
IFP
IF
75
10
60
30
Symbol
9UG
Ratings
μA
mW
mA
mA
UNIT
Page 2/4
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
L9UG22443



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com