Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2401 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2401
Description  DUAL LDO REGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2401 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2401_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Oct. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data Sheet
DUAL LDO REGULATORS
AP2401
Typical Performance Characteristics (Continued)
Figure 20. Output Voltage vs. Junction Temperature
-25
0
25
50
75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
Junction Temperature (
oC)
1.8V (Channel 1)
V
IN=2.8V
I
OUT=30mA
-25
0
25
50
75
2.44
2.46
2.48
2.50
2.52
2.54
2.56
Junction Temperature (
oC)
2.5V (Channel 2)
V
IN=3.5V
I
OUT=30mA
Figure 21. Output Voltage vs. Junction Temperature
-25
0
25
50
75
2.74
2.76
2.78
2.80
2.82
2.84
2.86
Junction Temperature (
oC)
2.8V (Channel 2)
V
IN=3.8V
I
OUT=30mA
Figure 22. Output Voltage vs. Junction Temperature
-40
-20
0
20
40
60
80
3.22
3.24
3.26
3.28
3.30
3.32
3.34
Junction Temperature (
oC)
3.3V (Channel 2)
V
IN=4.3V
I
OUT=30mA
Figure 23. Output Voltage vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com