Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C52 Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # CY8C52
Description  Programmable System-on-Chip (PSoC)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52 Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button CY8C52 Datasheet HTML 69Page - Cypress Semiconductor CY8C52 Datasheet HTML 70Page - Cypress Semiconductor CY8C52 Datasheet HTML 71Page - Cypress Semiconductor CY8C52 Datasheet HTML 72Page - Cypress Semiconductor CY8C52 Datasheet HTML 73Page - Cypress Semiconductor CY8C52 Datasheet HTML 74Page - Cypress Semiconductor CY8C52 Datasheet HTML 75Page - Cypress Semiconductor CY8C52 Datasheet HTML 76Page - Cypress Semiconductor CY8C52 Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
PRELIMINARY
PSoC®5: CY8C52 Family Data Sheet
Document Number: 001-55034 Rev. *A
Page 73 of 85
Figure 11-4. Synchronous Write Cycle Timing
Table 11-46. Synchronous Write Cycle Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
T
EMIF Clock period
30.3
-
-
ns
Tcp
EM_Clock Period
30.3
-
ns
Tceld
EM_Clock low to EM_CEn low
-
5
ns
Tcehd
EM_Clock high to EM_CEn high
T/2 - 2
-
ns
Taddrv
EM_Clock low to EM_Addr valid
-
5
ns
Taddriv
EM_Clock high to EM_Addr invalid
T/2 - 2
-
ns
Tweld
EM_Clock low to EM_WEn low
-
5
ns
Twehd
EM_Clock high to EM_WEn high
T/2 - 2
-
ns
Tds
Data valid after EM_Clock low
-
5
ns
Tadscld
EM_clock low to EM_ADSCn low
-
5
ns
Tadschd
EM_clock high to EM_ADSCn high
T/2 - 2
-
ns
Address
Tcp
Tceld
Taddrv
Tcehd
Taddriv
Twehd
Tweld
Tds
Data
Tadscld
Tadschd
EM_ Clock
EM_ CEn
EM_ Addr
EM_ WEn
EM_ Data
EM_ ADSCn
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com