Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTGD3147F Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTGD3147F
Description  Power MOSFET and Schottky Diode??0 V, ??.5 A, P?묬hannel with Schottky Barrier Diode, TSOP??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGD3147F Datasheet(HTML) 4 Page - ON Semiconductor

  NTGD3147F Datasheet HTML 1Page - ON Semiconductor NTGD3147F Datasheet HTML 2Page - ON Semiconductor NTGD3147F Datasheet HTML 3Page - ON Semiconductor NTGD3147F Datasheet HTML 4Page - ON Semiconductor NTGD3147F Datasheet HTML 5Page - ON Semiconductor NTGD3147F Datasheet HTML 6Page - ON Semiconductor NTGD3147F Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTGD3147F
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
0
2
4
6
8
10
01
23
4
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
VGS = −1.5 V
−1.8 V
−2.0 V
−2.2 V
−3.0 V
−2.4 V
−2.5 V
TJ = 25°C
−2.6 V
−2.8 V
0
2
4
6
8
10
1234
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
TJ = 25°C
TJ = −55°C
TJ = 125°C
0
0.10
0.20
0.30
0.50
23
45
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID = −2.2 A
0.05
0.10
0.15
0.20
0.30
02
4
6
17
VGS = −2.5 V
VGS = −3.0 V
VGS = −4.5 V
−ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
VGS = −2.0 V
0.6
0.8
1
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VGS = −4.5 V
ID = −2.2 A
0
200
400
600
0
5
10
15
20
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 6. Capacitance Variation
CISS
COSS
CRSS
TJ = 25°C
VGS = 0 V
f = 1 MHz
1
3
5
7
9
VGS = −3.5 V to −4.5 V
VDS = −5 V
1
3
5
7
9
0.40
0.05
0.15
0.25
0.45
0.35
TJ = 25°C
2.5
3.5
4.5
1.5
TJ = 25°C
0.25
35
0.7
0.9
1.1
1.3
1.5
150
350
550
100
300
500
50
250
450



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com