Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTJS4160N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTJS4160N
Description  Power MOSFET 30 V, 3.2 A, Single N-Channel, SC-88
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS4160N Datasheet(HTML) 2 Page - ON Semiconductor

  NTJS4160N Datasheet HTML 1Page - ON Semiconductor NTJS4160N Datasheet HTML 2Page - ON Semiconductor NTJS4160N Datasheet HTML 3Page - ON Semiconductor NTJS4160N Datasheet HTML 4Page - ON Semiconductor NTJS4160N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTJS4160N
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction-to-Ambient – Steady State (Note 3)
RqJA
200
°C/W
Junction-to-Ambient - t
≤ 1 s (Note 3)
RqJA
132
Junction-to-Ambient – Steady State (Note 4)
RqJA
420
3. Surface mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [2 oz] including traces).
4. Surface mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = 250 mA, ref to 25°C
20
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = +20 V
100
nA
VDS = 0 V, VGS = -20 V
-200
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
0.8
2.4
V
Gate Threshold Temperature
Coefficient
VGS(TH)/TJ
-5.0
mV/
°C
Drain-to-Source On Resistance
RDS(on)
VGS = 10 V, ID = 2.6 A
45
60
m
W
VGS = 4.5 V, ID = 2.2 A
65
85
Forward Transconductance
gFS
VGS = 5.0 V, ID = 3.0 A
4.2
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = 10 V
230
pF
Output Capacitance
COSS
62
Reverse Transfer Capacitance
CRSS
39
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V,
ID = 2.6 A
2.75
nC
Threshold Gate Charge
QG(TH)
0.37
Gate-to-Source Charge
QGS
0.87
Gate-to-Drain Charge
QGD
1.1
SWITCHING CHARACTERISTICS (Note 6)
Turn-On Delay Time
td(ON)
VGS = 4.5 V, VDD = 15 V,
ID = 1.0 A, RG = 6.0 W
8.7
15
ns
Rise Time
tr
7.2
13
Turn-Off Delay Time
td(OFF)
10.9
19
Fall Time
tf
1.9
4.0
DRAIN-SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 1.3 A
TJ = 25°C
0.79
1.2
V
TJ = 125°C
0.67
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 1.3 A
10.3
ns
Charge Time
Ta
7.2
Discharge Time
Tb
3.1
Reverse Recovery Charge
QRR
4.0
nC
5. Pulse Test: pulse width
≤ 300 ms, duty cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com