Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20100 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MBRF20100
Description  SWITCHMODE??Schottky Power Rectifirers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRF20100 Datasheet(HTML) 3 Page - Motorola, Inc

  MBRF20100 Datasheet HTML 1Page - Motorola, Inc MBRF20100 Datasheet HTML 2Page - Motorola, Inc MBRF20100 Datasheet HTML 3Page - Motorola, Inc MBRF20100 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBRF20100CT
3
Rectifier Device Data
TEST CONDITIONS FOR ISOLATION TESTS*
MOUNTED
FULLY ISOLATED
PACKAGE
LEADS
HEATSINK
0.110
″ MIN
Figure 3. Clip Mounting Position
for Isolation Test Number 1
* Measurement made between leads and heatsink with all leads shorted together.
CLIP
MOUNTED
FULLY ISOLATED
PACKAGE
LEADS
HEATSINK
CLIP
0.107
″ MIN
MOUNTED
FULLY ISOLATED
PACKAGE
LEADS
HEATSINK
0.107
″ MIN
Figure 4. Clip Mounting Position
for Isolation Test Number 2
Figure 5. Screw Mounting Position
for Isolation Test Number 3
MOUNTING INFORMATION**
4–40 SCREW
PLAIN WASHER
HEATSINK
COMPRESSION WASHER
NUT
CLIP
HEATSINK
Laboratory tests on a limited number of samples indicate, when using the screw and compression washer mounting technique, a screw torque of 6 to 8 in . lbs is sufficient to provide
maximum power dissipation capability. The compression washer helps to maintain a constant pressure on the package over time and during large temperature excursions.
Destructive laboratory tests show that using a hex head 4–40 screw, without washers, and applying a torque in excess of 20 in . lbs will cause the plastic to crack around the mounting
hole, resulting in a loss of isolation capability.
Additional tests on slotted 4–40 screws indicate that the screw slot fails between 15 to 20 in . lbs without adversely affecting the package. However, in order to positively ensure
the package integrity of the fully isolated device, Motorola does not recommend exceeding 10 in . lbs of mounting torque under any mounting conditions.
Figure 6. Typical Mounting Techniques
6a. Screw–Mounted
6b. Clip–Mounted
**For more information about mounting power semiconductors see Application Note AN1040.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com