Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5020 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5020
Description  100V Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5020 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5020 Datasheet HTML 5Page - National Semiconductor (TI) LM5020 Datasheet HTML 6Page - National Semiconductor (TI) LM5020 Datasheet HTML 7Page - National Semiconductor (TI) LM5020 Datasheet HTML 8Page - National Semiconductor (TI) LM5020 Datasheet HTML 9Page - National Semiconductor (TI) LM5020 Datasheet HTML 10Page - National Semiconductor (TI) LM5020 Datasheet HTML 11Page - National Semiconductor (TI) LM5020 Datasheet HTML 12Page - National Semiconductor (TI) LM5020 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Bill Of Materials
ITEM
PART NUMBER
DESCRIPTION
VALUE
C
1
C4532X7R2A225M
CAPACITOR, CER, TDK
2.2µF, 100V
C
2
C4532X7R2A225M
CAPACITOR, CER, TDK
2.2µF, 100V
C
3
C2012X7R1H103K
CAPACITOR, CER, TDK
0.01µF, 50V
C
4
C3216X7R2A104K
CAPACITOR, CER, TDK
0.1µF, 100V
C
5
C2012X7R1H103K
CAPACITOR, CER, TDK
0.01µF, 50V
C
6
C2012C0G1H221J
CAPACITOR, CER, KEMET
220pF, 50V
C
7
C2012C0G1H332J
CAPACITOR, CER, TDK
3300pF, 50V
C
8
C2012C0G1H101J
CAPACITOR, CER, TDK
100pF, 50V
C
9
C2012X7R1H104K
CAPACITOR, CER, TDK
0.1µF, 50V
C
10
C3216X7R1C475K
CAPACITOR, CER, TDK
4.7µF, 16V
C
11
C2012C0G1H102J
CAPACITOR, CER, TDK
1000pF, 50V
C
12
C2012C0G1H471J
CAPACITOR, CER, TDK
470p, 50V
C
13
C4532X7S0G107M
CAPACITOR, CER, TDK
100µF, 4V
C
14
C4532X7S0G107M
CAPACITOR, CER, TDK
100µF, 4V
C
15
A700X277M0004AT
CAPACITOR, ALUM ORGANIC, KEMET 270µF, 4V
D
1
CMPD2838E-NSA
DIODE, SIGNAL, CENTRAL
D
2
CMPD2838E-NSA
DIODE, SIGNAL, CENTRAL
D
3
MBRD835L
DIODE, RECTIFIER, ON
SEMICONDUCTOR
J
1
MKDS 1/2-3.81
TERM BLK, MINI, 2 POS, PHOENIX
CONTACT
J
2
MKDS 1/2-3.81
TERM BLK, MINI, 2 POS, PHOENIX
CONTACT
Q
1
SI7898DP
FET, SILICONIX
150V, 85m
Ω
R
1
CRCW120610R0F
RESISTOR
10
R
2
CRCW12066192F
RESISTOR
61.9k
Ω
R
3
CRCW08052871F
RESISTOR
2.87k
Ω
R
4
CRCW08051001F
RESISTOR
1.00k
Ω
R
5
CRCW08051502F
RESISTOR
15.0k
Ω
R
6
CRCW08051242F
RESISTOR
12.4k
Ω
R
7
CRCW08051000F
RESISTOR
100
R
8
CRCW12060R47F
RESISTOR
0.47
R
9
CRCW12060R47F
RESISTOR
0.47
R
10
CRCW251210R0F
RESISTOR
10, 1W
R
11
CRCW08052431F
RESISTOR
2.43K
R
12
CRCW08051471F
RESISTOR
1.47K
R
13
CRCW080520R0F
RESISTOR
20
T
1
B0695-A COILCRAFT
TRANSFORMER, FLYBACK, EFD20
CORE
T
1
PA0751 PULSE
TRANSFORMER, FLYBACK, EFD20
CORE
ALTERNATE
U
1
LM5020-2MM
CONTROLLER, SINGLE OUT, PWM,
NATIONAL
Z
1
1SMB5936B
DIODE, ZENER, SMB, 30V
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com