Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5030MM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5030MM
Description  100V Push-Pull Current Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5030MM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5030MM Datasheet HTML 4Page - National Semiconductor (TI) LM5030MM Datasheet HTML 5Page - National Semiconductor (TI) LM5030MM Datasheet HTML 6Page - National Semiconductor (TI) LM5030MM Datasheet HTML 7Page - National Semiconductor (TI) LM5030MM Datasheet HTML 8Page - National Semiconductor (TI) LM5030MM Datasheet HTML 9Page - National Semiconductor (TI) LM5030MM Datasheet HTML 10Page - National Semiconductor (TI) LM5030MM Datasheet HTML 11Page - National Semiconductor (TI) LM5030MM Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ITEM
PART NUMBER
DESCRIPTION
VALUE
C
1
C0805C472K5RAC
Capacitor, CER, KEMET
4700p, 50V
C
2
C0805C103K5RAC
Capacitor, CER, KEMET
0.01µ, 50V
C
3
C4532X7S0G686M
Capacitor, CER, TDK
68µ, 4V
C
4
T520D337M006AS4350
Capacitor, TANT, KEMET
330µ, 6.3V
C
5
T520D337M006AS4350
Capacitor, TANT, KEMET
330µ, 6.3V
C
6
C4532X7R3A103K
Capacitor, CER, TDK
0.01µ, 1000V
C
7
C3216X7R2A104K
Capacitor, CER, TDK
0.1µ, 100V
C
8
C4532X7R2A105M
Capacitor, CER, TDK
1µ, 100V
C
9
C4532X7R2A105M
Capacitor, CER, TDK
1µ, 100V
C
10
C0805C102K1RAC
Capacitor, CER, KEMET
1000p, 100V
C
11
C1206C223K5RAC
Capacitor, CER, KEMET
0.022µ, 50V
C
12
C3216X7R1E105M
Capacitor, CER, TDK
1µ, 25V
C
13
C3216COG2J221J
Capacitor, CER, TDK
220p, 630V
C
14
C3216COG2J221J
Capacitor, CER, TDK
220p, 630V
C
15
C1206C104K5RAC
Capacitor, CER, KEMET
0.1µ, 50V
C
16
C0805C101J1GAC
Capacitor, CER, KEMET
100p, 100V
C
17
C0805C101J1GAC
Capacitor, CER, KEMET
100p, 100V
C
18
C3216X7R1H334K
Capacitor, CER, TDK
0.33µ, 50µ
D
1
MBRB3030CTL
Diode, Schottky, ON
D
2
CMPD2838-NSA
Diode, Signal, Central
D
3
CMPD2838-NSA
Diode, Signal, Central
D
4
CMPD2838-NSA
Diode, Signal, Central
D
5
CMPD2838-NSA
Diode, Signal, Central
L
1
MSS6132-103
Input Choke, Coilcraft
10µH, 1.5A
L
2
A9785-B
Output Choke, Coilcraft
7µH
R
1
CRCW12061R00F
Resistor
1
R
2
CRCW12064990F
Resistor
499
R
3
CRCW2512101J
Resistor
100, 1W
R
4
CRCW2512101J
Resistor
100, 1W
R
5
CRCW12064022F
Resistor
40.2K
R
6
CRCW120610R0F
Resistor
10
R
7
CRCW120610R0F
Resistor
10
R
8
CRCW12061002F
Resistor
10K
R
9
CRCW120623R7F
Resistor
23.7
R
10
CRCW12062002F
Resistor
20K
R
11
CRCW120610R0F
Resistor
10
R
12
CRCW12063010F
Resistor
301
R
13
CRCW120610R0F
Resistor
10
R
14
CRCW12061001F
Resistor
1K
TX
1
A9784-B
POWER XFR, COILCRAFT
TX
2
P8208T
CURRENT XFR, Pulse
100:1
U1
1
LM5030
REGULATOR, NATIONAL
U2
2
MOCD207M
OPTO-COUPLER, QT
OPTOELECTRONICS
U3
3
LM3411AM5-3.3
REFERENCE, NATIONAL
651-1727010
DUAL TERMINALS, MOUSER
3 per ASSY
X
1
SUD19N20-90
FET, N, 200V, SILICONIX
X
2
SUD19N20-90
FET, N, 200V, SILICONIX
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com