Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5030SD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5030SD
Description  100V Push-Pull Current Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5030SD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5030SD Datasheet HTML 1Page - National Semiconductor (TI) LM5030SD Datasheet HTML 2Page - National Semiconductor (TI) LM5030SD Datasheet HTML 3Page - National Semiconductor (TI) LM5030SD Datasheet HTML 4Page - National Semiconductor (TI) LM5030SD Datasheet HTML 5Page - National Semiconductor (TI) LM5030SD Datasheet HTML 6Page - National Semiconductor (TI) LM5030SD Datasheet HTML 7Page - National Semiconductor (TI) LM5030SD Datasheet HTML 8Page - National Semiconductor (TI) LM5030SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Electrical Characteristics (Continued)
Specifications in standard type face are for T
J= +25˚C and those in boldface type apply over the full operating junction tem-
perature range. Unless otherwise specified: V
IN = 48V, VCC = 10V, and RT = 26.7K
Ω
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
Oscillator
Frequency1 (RT = 26.7K)
175
200
225
kHz
Frequency2 (RT = 8.2K)
510
600
690
kHz
Sync threshold
3.2
3.8
V
PWM Comparator
Delay to Output
COMP set to 2V CS
stepped 0 to 0.4V, Time
to onset of OUT transition
low
30
ns
Max Duty Cycle
Inferred from deadtime
47.5
49
50
%
Min Duty Cycle
COMP=0V
0
%
COMP to PWM Comparator
Gain
0.34
COMP Open Circuit Voltage
V
FB =0V
4.3
5.2
6.1
V
COMP Short Circuit Current
V
FB = 0V, COMP=0V
0.6
1.1
1.5
mA
Slope Compensation
Slope Comp Amplitude
Delta increase at PWM
Comparator to CS
80
105
130
mV
Output Section
Deadtime
Cload = 0, 10% to 10%
85
135
185
ns
Output High Saturation
Iout = 50mA, V
CC -VOUT
0.25
0.75
V
Output Low Saturation
I
OUT = 100mA
0.25
0.75
V
Rise Time
Cload = 1nF
16
ns
Fall Time
Cload = 1nF
16
ns
Thermal Shutdown
Tsd
Thermal Shutdown Temp.
165
˚C
Thermal Shutdown Hysteresis
15
˚C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA, and
the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperture is calculated using:
Where the value of
θJA for the mini SO-10 (MM) package is 200˚C/W. Exceeding the maximum allowable dissipation will cause excessive die temperature, and the
device will go into thermal shutdown.
Note 3: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged directly
into each pin. The machine model ESD rating for pin 5 and pin 6 is 150V.
Note 4: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 5: Typical numbers represent the most likely parametric norm for 25˚C operation.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com