Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3760 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3760
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3760 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3760 Datasheet HTML 17Page - Linear Technology LT3760 Datasheet HTML 18Page - Linear Technology LT3760 Datasheet HTML 19Page - Linear Technology LT3760 Datasheet HTML 20Page - Linear Technology LT3760 Datasheet HTML 21Page - Linear Technology LT3760 Datasheet HTML 22Page - Linear Technology LT3760 Datasheet HTML 23Page - Linear Technology LT3760 Datasheet HTML 24Page - Linear Technology LT3760 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT3760

3760f
applicaTions inForMaTion
LED Open Circuit and PWM Dimming Ratios
The LT3760 monitors each LED pin voltage to determine if
the LED string has an open fault (LED pin voltage < 0.5V).
If an open LED fault occurs, the FAULT flag is pulled low. To
avoid false detection of faults during the initial converter
startup when VOUT is low, the LT3760 ignores low LED
pin voltages until VOUT reaches 90% of its maximum al-
lowed OVP level. Once this condition is met, the LT3760
monitors all LED pins for open LED faults. To avoid false
detection of faults during PWM dimming edges (where
LED pins can possibly ring and trip fault detection levels)
the LT3760 only monitors/updates fault conditions during
PWM high (and only after a blank duration of 2µs following
each PWM rising edge).
LED Short Circuit
A short circuit fault between the positive terminal of an
LED string (VOUT) and the negative terminal of the LED
string (LEDx pin) causes the channel to be disabled in
order to protect the internal current source. A resistive
short is allowed as long as (VOUT-VLEDx) < 6V.
Loop Compensation
Be sure to check the stability of the loop with the LEDs
connected (LED regulation loop) and disconnected
(Overvoltage Protection (OVP) regulation loop). Various
applicationcircuitsareshowninthedatasheetwhichcovera
rangeofVIN,VOUT,fOSC,outputpowerandinductorcurrent
ripple values. For application requirements which deviate
from the circuits shown in the datasheet be sure to check
the stability of the final application over the full VIN range,
LED current range (if analog dimming) and temperature
range. Be aware that if the VC pin components represent a
dominant pole for the converter loop and they have been
adjusted to achieve stability, the VC pin might move more
slowly during load transient conditions such as an all-
LEDs-open fault. A slower moving VC pin will add to VOUT
overshoot during an all-LEDs-open fault. An alternative
compensation approach is to place the dominant pole of
theconverterloopattheoutput.Thisrequiresanincreased
output capacitor value but will allow a much reduced Vc
capacitor. The combination will allow VC to move more
quickly and VOUT to move more slowly resulting in less
overshoot during an all-LEDs-open fault.
Thermal Considerations
TheinternalpowerdissipationoftheLT3760comesfrom3
main sources: VIN quiescent current (IQ total), VIN current
for GATE switching (IGATE) and the LT3760 LED current
sources. Since the maximum operational VIN voltage is
40V, care should be taken when selecting the switching
frequency and type of external power MOSFET since the
current required from VIN for GATE switching is given by,
IGATE = fOSC • Qg
where Qg is the gate charge (at VGS = INTVCC) specified
for the MOSFET and fOSC is the programmed switching
frequency for the LT3760. A low Qg MOSFET should al-
ways be used when operating the LT3760 from high VIN
voltages. The internal junction temperature of the LT3760
can be estimated as:
TJ=TA+[VIN•(IQTOTAL+(fOSC•Qg))+(8•I(LEDX)•1.1V)]
•
θJA
where, TA is the ambient temperature for the LT3760
IQTOTALrepresentstheVINquiescentcurrentfortheLT3760
(not switching, PWM = 1.5V and CTRL = 0.1V) - illustrated
in the Typical Characteristics Graphs – plus the base cur-
rents of active channels (typically 8 • I(LED)/75).
θJA is
the thermal resistance of the package (28°C/W for the
28-pin TSSOP package).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com