Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3603EUF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3603EUF
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3603EUF Datasheet(HTML) 2 Page - Linear Technology

  LTC3603EUF Datasheet HTML 1Page - Linear Technology LTC3603EUF Datasheet HTML 2Page - Linear Technology LTC3603EUF Datasheet HTML 3Page - Linear Technology LTC3603EUF Datasheet HTML 4Page - Linear Technology LTC3603EUF Datasheet HTML 5Page - Linear Technology LTC3603EUF Datasheet HTML 6Page - Linear Technology LTC3603EUF Datasheet HTML 7Page - Linear Technology LTC3603EUF Datasheet HTML 8Page - Linear Technology LTC3603EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC3603
2
3603fa
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3603EMSE#PBF
LTC3603EMSE#TRPBF
3603
16-Lead Plastic MSOP
–40°C to 85°C
LTC3603IMSE #PBF
LTC3603IMSE#TRPBF
3603
16-Lead Plastic MSOP
–40°C to 125°C
LTC3603EUF#PBF
LTC3603EUF#TRPBF
3603
20-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
LTC3603IUF#PBF
LTC3603IUF#TRPBF
3603
20-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
PVIN Supply Voltage (DC) .......................... –0.3V to 16V
PVIN Supply Transient Voltage (<1μs) .......................21V
SW .............................................. –0.3V to (PVIN + 0.3V)
BOOST .................................(VSW –0.3V) to (VSW + 6V)
RUN ........................................................... –0.3V to 16V
All Other Pins............................................... –0.3V to 6V
(Note 1)
1
2
3
4
5
6
7
8
INTVCC
SYNC/MODE
PGOOD
RT
ITH
VFB
SGND
RUN
16
15
14
13
12
11
10
9
PVIN
PVIN
BOOST
SW
SW
PGND
PGND
TRACK/SS
TOP VIEW
17
SGND
MSE PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
20 19 18 17 16
6
7
8
TOP VIEW
21
SGND
UF PACKAGE
20-LEAD (4mm
4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
PVIN
PVIN
INTVCC
SYNC/MODE
PGOOD
PGND
PGND
PGND
PGND
TRACK/SS
TJMAX = 125°C, θJA = 37°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 21) IS SGND, MUST BE SOLDERED TO PCB
Peak SW Sink and Source Current (Note 7).............6.5A
Operating Junction Temperature Range (Notes 2, 5, 6)
LTC3603E ............................................–40°C to 85°C
LTC3603I ........................................... –40°C to 125°C
Lead Temperature (Soldering, 10 seconds)
MSE Package.................................................... 300°C
PIN CONFIGURATION
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com