Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4069UBF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC4069UBF
Description  HEX INVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4069UBF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC4069UBF Datasheet HTML 1Page - Toshiba Semiconductor TC4069UBF Datasheet HTML 2Page - Toshiba Semiconductor TC4069UBF Datasheet HTML 3Page - Toshiba Semiconductor TC4069UBF Datasheet HTML 4Page - Toshiba Semiconductor TC4069UBF Datasheet HTML 5Page - Toshiba Semiconductor TC4069UBF Datasheet HTML 6Page - Toshiba Semiconductor TC4069UBF Datasheet HTML 7Page - Toshiba Semiconductor TC4069UBF Datasheet HTML 8Page - Toshiba Semiconductor TC4069UBF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC4069UBP/UBF/UBFN/UBFT
2006-06-01
4
Dynamic Electrical Characteristics (Ta = 25°C, VSS = 0 V, CL = 50 pF)
Test Condition
Characteristics
Symbol
VDD (V)
Min
Typ.
Max
Unit
Output transition time
(low to high)
tTLH
⎯
5
10
15
⎯
⎯
⎯
70
35
30
200
100
80
ns
Output transition time
(high to low)
tTHL
⎯
5
10
15
⎯
⎯
⎯
70
35
30
200
100
80
ns
Propagation delay time
(low to high)
tpLH
⎯
5
10
15
⎯
⎯
⎯
55
30
25
110
60
50
ns
Propagation delay time
(high to low)
tpHL
⎯
5
10
15
⎯
⎯
⎯
55
30
25
110
60
50
ns
Input capacitance
CIN
⎯
⎯
7.5
15
pF
Waveform for Measurement of Dynamic Characteristics
Input
Output
tpHL
tTHL
tTLH
tpLH
20 ns
20 ns
90%
50%
10%
90%
50%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com