Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3854EMSE Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3854EMSE
Description  Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3854EMSE Datasheet(HTML) 3 Page - Linear Technology

  LTC3854EMSE Datasheet HTML 1Page - Linear Technology LTC3854EMSE Datasheet HTML 2Page - Linear Technology LTC3854EMSE Datasheet HTML 3Page - Linear Technology LTC3854EMSE Datasheet HTML 4Page - Linear Technology LTC3854EMSE Datasheet HTML 5Page - Linear Technology LTC3854EMSE Datasheet HTML 6Page - Linear Technology LTC3854EMSE Datasheet HTML 7Page - Linear Technology LTC3854EMSE Datasheet HTML 8Page - Linear Technology LTC3854EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC3854

3854fa
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VIN
Operating Input Voltage Range
4.5
38
V
VFB
Regulated Feedback Voltage
(Note 4); ITH Voltage = 1.2V
l
0.792
0.8
0.808
V
IFB
Feedback Current
(Note 4)
±5
±50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 6V to 38V (Note 4)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4) Measured in Servo Loop;
∆ITH Voltage = 0.7V to 1.2V
Measured in Servo Loop;
∆ITH Voltage = 1.2V to 2V
l
l
0.1
–0.1
0.5
–0.5
%
%
gm
Transconductance Amplifier gm
ITH = 1.2V; Sink/Source = 5µA (Note 4)
2.0
mmho
gmGBW
Transconductance Amplifier GBW
ITH = 1.2V; (Guaranteed by Design)
3
MHz
IQ
Input DC Supply Current
Normal Mode
Shutdown
(Note 5)
RUN = 0V
2
10
3
25
mA
µA
UVLO
Undervoltage Lockout
VIN Ramping Down; Measured at INTVCC
l
3.0
3.5
V
UVLOHYST
Undervoltage Lockout Hysteresis
VIN Ramping Down then Up; Measured at INTVCC
350
mV
VOVL
Feedback Overvoltage Lockout
Measured at FB
l
0.86
0.88
0.90
V
ISENSE
Sense Pins Source Current
VSENSE– = VSENSE+ = 3.3V
±0.5
±1
µA
DFMAX
Maximum Duty Factor
In Dropout
97
98
%
IRUN/SS
Soft-Start Charge Current
RUN/SS = 0V
0.6
1.25
2.0
µA
VRUN/SS_SD
Shutdown Threshold
RUN/SS Pin Must be Taken Below this Value to
Reset Part (or Put into Shutdown Mode)
0.4
V
VRUN/SS_ON
Soft-Start Threshold
Soft-Start Mode
1.2
V
VSENSE(MAX)
Maximum Current Sense Threshold
FB = 0.7V, VSENSE– = 3.3V, VIN = 6V
40
50
65
mV
TG RUP
TG Driver Pull-Up On Resistance
TG High
2.5
Ω
TG RDOWN
TG Driver Pull-Down On Resistance
TG Low
1.2
Ω
BG RUP
BG Driver Pull-Up On Resistance
BG High
2.5
Ω
BG RDOWN
BG Driver Pull-down On Resistance
BG Low
2.1
Ω
TG tr
TG tf
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
BG tr
BG tf
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
tON(MIN)
Minimum On-Time
(Note 7)
75
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 38V
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0 to 20mA
0.2
1.0
%
Oscillator
fSW
Switching Frequency
360
400
440
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com