Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1840-00M Datasheet(PDF) 1 Page - API Delevan

Part # 1840-00M
Description  Molded Unshielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

1840-00M Datasheet(HTML) 1 Page - API Delevan

  1840-00M Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3050
2820
2360
1860
1860
1670
1520
1240
1050
835
755
610
555
525
1020
900
775
670
580
560
455
385
324
265
251
214
0.030
0.035
0.050
0.080
0.080
0.100
0.120
0.180
0.250
0.400
0.485
0.740
0.900
1.100
0.120
0.155
0.210
0.280
0.375
0.400
0.600
0.850
1.200
1.800
2.000
2.750
510
415
350
300
300
270
250
220
200
180
170
150
140
120
70
65
60
50
50
48
42
36
30
30
24
22
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
55
55
55
55
55
55
55
55
55
35
35
35
35
35
35
35
35
35
35
35
35
50
55
60
60
65
± 20%
± 20%
± 20%
± 20%
± 20%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
0.15
0.22
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
21
22
23
g
24
25
26
27
28
29
30
31
32
33
1
2
3
4
5
6
7
8
9
10
11
12
Military Specifications
MS75008 (LT4K); MS75101 (LT10K)
Physical Parameters
Inches
Millimeters
Length
0.437 ± 0.010
11.10 ± 0.25
Diameter
0.187 ± 0.010
4.75 ± 0.25
Lead Size
AWG #22 TCW
0.025 ± 0.002
0.635 ± 0.051
Lead Length
1.44 ± 0.12
36.58 ± 3.05
Current Rating at 90°C Ambient
LT4K 35°C Rise
LT10K 15°C Rise
Operating Temperature Range
LT4K –55°C to +125°C;
LT10K –55°C to +105°C
Maximum Power Dissipation at 90°C
LT4K 0.385 W
LT10K 0.165 W
Weight Max. (Grams) 0.95
Packaging Tape & reel: 12" reel, 2500 pieces max.;
14" reel, 3000 pieces max. For additional packaging
options, see technical section.
g
No MS # Issued
Made in the U.S.A.
MS75008– SERIES 1840 PHENOLIC CORE (LT4K)
-00M
-02M
-04M
-05M
-06M
-07K
-08K
-09K
-10K
-11K
-12K
-13K
-14K
-16K
MS75101– SERIES 1840 IRON CORE (LT10K)
-18K
-20K
-22K
-24K
-26K
-28K
-30K
-32K
-34K
-35K
-36K
-38K
Parts listed above are QPL/MIL qualified
Optional Tolerances:
J = 5%
H = 3%
G = 2%
F = 1%
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
1840R
1840
Molded Unshielded RF Coils
M
I L I TA RY
A
P P R O V E D
Series
4/2005
PAGE
47
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814


Similar Part No. - 1840-00M

ManufacturerPart #DatasheetDescription
logo
API Delevan
1840-00M API-1840-00M Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results

Similar Description - 1840-00M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1537-00M API-1537-00M Datasheet
51Kb / 1P
Molded Unshielded RF Coils
2500-00J API-2500-00J Datasheet
53Kb / 1P
Molded Unshielded RF Coils
4470-01K API-4470-01K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
511R API-511R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
0819R API-0819R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1944R API-1944R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
2534R API-2534R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com