Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2178 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APA2178
Description  100mW Stereo Cap-Free Headphone Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2178 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APA2178 Datasheet HTML 14Page - Anpec Electronics Coropration APA2178 Datasheet HTML 15Page - Anpec Electronics Coropration APA2178 Datasheet HTML 16Page - Anpec Electronics Coropration APA2178 Datasheet HTML 17Page - Anpec Electronics Coropration APA2178 Datasheet HTML 18Page - Anpec Electronics Coropration APA2178 Datasheet HTML 19Page - Anpec Electronics Coropration APA2178 Datasheet HTML 20Page - Anpec Electronics Coropration APA2178 Datasheet HTML 21Page - Anpec Electronics Coropration APA2178 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2009
www.anpec.com.tw
18
APA2178
GSM Power Supply Rejection vs.
Frequency
Typical Operating Characteristics (Cont.)
-150
+0
-100
-50
0
2k
400
800
1.2k
1.6k
-150
+0
-100
-50
Frequency (Hz)
GSM Power Supply Rejection vs. Time
CH1: V
DD, 500mV/Div, DC, VDD Offset=3.3V
CH2: V
ROUT, 20mV/Div, DC
TIME: 20ms/Div
1
2
V
ROUT
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com