Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5156 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5156
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5156 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5156 Datasheet HTML 5Page - Anpec Electronics Coropration APL5156 Datasheet HTML 6Page - Anpec Electronics Coropration APL5156 Datasheet HTML 7Page - Anpec Electronics Coropration APL5156 Datasheet HTML 8Page - Anpec Electronics Coropration APL5156 Datasheet HTML 9Page - Anpec Electronics Coropration APL5156 Datasheet HTML 10Page - Anpec Electronics Coropration APL5156 Datasheet HTML 11Page - Anpec Electronics Coropration APL5156 Datasheet HTML 12Page - Anpec Electronics Coropration APL5156 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Oct., 2009
APL5156
www.anpec.com.tw
9
where T
J-TA is the temperature difference between the
junction and ambient air.
θ
JA is the thermal resistance
between junction and ambient air.
For continual operation, do not exceed the absolute maxi-
mum junction temperature rating of T
J=125
o
C.
For example:
In SOT-23-5 package
θ
JA=235
o
C/W. When operates the
APL5156 at T
A=50
o
C, the maximum power dissipation
can be determined as below:
Application Information
Thermal Pad Consideration
JA
A
J
)
MAX
(
D
T
T
P
θ
−
=
P
D(MAX)=(125
o
C-50
o
C)/(235
o
C/W)
P
D(MAX)=319.1mW
Enable/Shutdown
The APL5156 features an active-high enable pin that al-
lows the regulator to be disabled. Forcing the enable pin
low disables the regulator, so current consumed by the
regulator goes nearly to zero. Forcing the enable pin high
enables the output voltage. The enable pin can not float.
Input Capacitor
The APL5156 has high input voltage up to 25V. The input
capacitor must be rated to sustain voltages that may be
used on the input. An input capacitor may be required
when the device is not near the source power supply or
when supplied by a battery. Small and surface-mounted
ceramic capacitors can be used for bypassing. A larger
value may be required if the source supply has high ripple.
Output Capacitor
The APL5156 requires an output capacitor for stability.
The design requires 2.2
µF or greater on the output to
maintain stability. It is optimized by using low-ESR ce-
ramic chip capacitors. The maximum allowable ESR is
3
Ω. More capacitance improves transient response. Place
the output capacitor as close to the VOUT pin as possible.
X7R/X5R dielectric-type ceramic capacitors are recom-
mended because of their temperature performance. X7R
type capacitors change capacitance by 15% over their
operating temperature ranges. To use a ceramic chip
capacitor with Y5V dielectric, the value must be much
higher than an X7R ceramic capacitor to ensure the same
minimum capacitance over the equivalent operating tem-
perature range.
No-Load Stability
The APL5156 will remain stable and in regulation with no
load unlike many other voltage regulators. This is espe-
cially important in CMOS RAM keep-alive applications.
Thermal Consideration
The thermal resistance of junction to ambient controls
the APL5156's maximum power dissipation. The power
dissipation across the device is P
D=IOUT (VIN-VOUT), and the
maximum power dissipation is:
The SOP-8P is a cost-effective package which features a
small size, like a standard SOP-8, and a bottom thermal
pad to minimize the thermal resistance of the package is
applicable to high current applications. The thermal pad
must be soldered down to the copper plane on circuit
board. Heat can be conducted away from the thermal
pad through the copper plane to ambient. If the copper
plane is not on the top surface of the circuit board, 4 or 6
vias should be used to thermally couple the thermal pad
to the bottom plane.
For good thermal conduction, the vias must be plated
through and solder filled. The copper plane used to con-
duct heat away from the thermal pad should be as large
as practical.
SOP-8P Layout Recommendation
0.150
0.072
0.212
0.118
ground
plane for
thermal
pad
0.024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com