Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5930KAI Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5930KAI
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5930KAI Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5930KAI Datasheet HTML 1Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 2Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 3Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 4Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 5Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 6Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 7Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 8Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2009
APL5930
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Unless otherwise specified, these specifications apply over V
CNTL=5V, VIN=1.8V, VOUT= 1.2V and TA= -40 ~ 85
oC. Typical values
are at T
A=25
oC.
APL5930
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DROPOUT VOLTAGE (CONT.)
TJ=25
oC
4.7
5.7
6.7
ILIM
Current-Limit Level
TJ= -40 ~ 125
oC
4.2
-
-
A
PROTECTIONS
ISHORT
Short Current-Limit Level
VFB<0.2V
-
1.1
-
A
Short Current-Limit Blanking
Time
From beginning of soft-start
0.6
1.5
-
ms
TSD
Thermal Shutdown Temperature
TJ rising
-
170
-
oC
Thermal Shutdown Hysteresis
-
50
-
oC
ENABLE AND SOFT-START
EN Logic High Threshold
Voltage
VEN rising
0.5
0.8
1.1
V
EN Hysteresis
-
0.1
-
V
EN Pull-High Current
EN=GND
-
5
-
µA
TSS
Soft-Start Interval
0.3
0.6
1.2
ms
Turn On Delay
From being enabled to VOUT rising 10%
60
120
180
µs
POWER-OK AND DELAY
VTHPOK
Rising POK Threshold Voltage
VFB rising
90
92
94
%
POK Threshold Hysteresis
-
8
-
%
POK Pull-low Voltage
POK sinks 5mA
-
0.25
0.4
V
POK Debounce Interval
VFB<falling POK voltage threshold
-
10
-
µs
POK Delay Time
From VFB =VTHPOK to rising edge of the VPOK
1
2
4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com