Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2F8725D Datasheet(PDF) 2 Page - RFHIC

Part # 2F8725D
Description  CATV Line Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2F8725D Datasheet(HTML) 2 Page - RFHIC

  2F8725D Datasheet HTML 1Page - RFHIC 2F8725D Datasheet HTML 2Page - RFHIC 2F8725D Datasheet HTML 3Page - RFHIC 2F8725D Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C
CA
AT
TV
V L
Liin
nee A
Am
mp
plliiffiieerr 22F
F88772255D
D
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.5
Notes;
135 Channels, NTSC frequency raster: 55.25MHz to 859.25MHz, +48dBmV flat output level.
CTB, XMOD, CSO definitions follow NCTA definition
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity.
Proper ESD control techniques should be used when handling these devices. Some of the precautions recommended are;
- Person at a workbench should be earthed via a wrist strap and a resistor.
- All mains-powered equipment should be connected to the mains via an earth-leakage switch.
- Equipment cases should be grounded.
- Relative humidity should be maintained between 40% and 50%.
- An ionizer is recommended.
- Keep static materials, such as plastic envelopes and plastic trays etc. away from the workbench.
CHARACTERISTICS
Bandwidth 45 to 870MHz; VCC = 24V; Tcase = 25 ; Z
℃
S = ZL = 75Ω
DISTORTION
Bandwidth 45 to 870MHz; VCC = 24V; Tcase = 25 ;
℃
ZS = ZL = 75Ω
ESD PROTECTION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f = 45 MHz
24.5
-
26.0
dB
Gp
Power Gain
f = 870 MHz
25
-
-
dB
SL
Slope Cable Equivalent
f = 45 to 870 MHz
-
0.5
-
dB
FL
Flatness of Frequency Response
f = 45 to 870 MHz
-
-
0.5
dB
f = 45 to 80 MHz
18.0
-
-
dB
f = 80 to 160 MHz
17.0
-
-
dB
f = 160 to 320 MHz
17.0
-
-
dB
f = 320 to 640 MHz
16.0
-
-
dB
S11
Input Return Loss
f = 640 to 870 MHz
16.0
-
-
dB
f = 45 to 80 MHz
18.0
-
-
dB
f = 80 to 160 MHz
17.0
-
-
dB
f = 160 to 320 MHz
17.0
-
-
dB
f = 320 to 640 MHz
16.0
-
-
dB
S22
Output Return Loss
f = 640 to 870 MHz
16.0
-
-
dB
F
Noise Figure
f = 45 to 870 MHz
3
-
4.2
dB
Itot
Total Current Consumption (DC)
380
400
430
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
CTB
Composite Triple Beat
135 channel flat; Vo = +48dBmV
-
-62
-56
dBc
XMOD
Cross Modulation
135 channel flat; Vo = +48dBmV
-
-62
-55
dBc
CSO
Composite Second Order Distortion
135 channel flat; Vo = +48dBmV
-
-64
-60
dBc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com