Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z60DBT-R1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z60DBT-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z60DBT-R1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ20Z60DBT-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z60DBT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
bq20z60-R1
SLUS991 – DECEMBER 2009
www.ti.com
PIN FUNCTIONS (continued)
PIN FUNCTIONS (continued)
PIN
I/O(1)
DESCRIPTION
NO.
NAME
Connections for a small-value sense resistor to monitor the battery charge- and discharge-current
22
SRP
IA
flow
Connections for a small-value sense resistor to monitor the battery charge- and discharge-current
23
SRN
IA
flow
Master reset input that forces the device into reset when held low. Must be held high for normal
24
MRST
I
operation
25
VSS
P
Negative supply voltage
26
VCC
P
Positive supply voltage
27
RBI
P
28
NC
–
Not used— leave floating
29
VCELL+
I
Input from bq29330 used to read a scaled value of individual cell voltages
30
VCELL–
I
Input from bq29330 used to read a scaled value of individual cell voltages
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted)
(1)
RANGE
VCC relative to VSS
Supply voltage range
–0.3 V to 2.75 V
V(IOD) relative to VSS
Open-drain I/O pins
–0.3 V to 6 V
VI relative to VSS
Input voltage range to all other pins
–0.3 V to VCC + 0.3 V
TA
Operating free-air temperature range
–40°C to 85°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.4
2.5
2.6
V
No flash programming
400(1)
ICC
Operating mode current
μA
bq20z60-R1 + bq29330
475
Sleep mode
8(1)
I(SLEEP)
Low-power storage mode current
μA
bq20z60-R1 + bq29330
51
Shutdown mode
0.1
1
I(SHUTDO
Low-power shutdown mode current
μA
WN)
bq20z60-R1 + bq29330
0.2
Output voltage low SMBC, SMBD, SDATA, SCLK,
IOL = 0.5 mA
0.4
V
SAFE
VOL
Output voltage low LED1, LED2, LED3, LED4,
IOL = 10 mA
0.4
V
LED5
VOH
Output voltage high SMBC, SMBD, SDATA, SCLK,
IOH = –1 mA
VCC – 0.5
V
SAFE
Input voltage low SMBC, SMBD, SDATA, SCLK,
VIL
–0.3
0.8
V
XALERT, PRES, PFIN, DISP
Input voltage high SMBC, SMBD, SDATA, SCLK,
2
6
V
XALERT, PRES, PFIN
VIH
Input voltage high DISP
2
VCC + 0.3
V
(1)
This value does not include the bq29330
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq20z60-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com