Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z60DBTR-R1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z60DBTR-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z60DBTR-R1 Datasheet(HTML) 2 Page - Texas Instruments

  BQ20Z60DBTR-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z60DBTR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Charging
Algorithm
SBS v1.1
Data
SHA-1
Authentication
Cell Balancing
Algorith &
Control
Overvoltage&
Undervoltage
Protection
Overcurrent
Protection
FailSafe
Protection
32kHz Clock
Generator
System
Interface
Temperature
Measurement
& Protection
bq29330
Validation &
Control
Cell & Pack
Voltage
Measurement
Impedance
Track™ Gas
Gauging
LDO/Therm
Drive
Watchdog, Reset, &
Protection Timing
Registers
System
Interface
Voltage Level
Translator
Overcurrent &
Short Circuit
Protection
N-Ch FET Drive
& Charge Pumps
Therm
I
2C
Supply Voltage
Reset
32KHz
Alert
bq294xy
Pack +
Pack -
RSNS
5mΩ - 20m Ω typ
SMBus
Fuse
DISP
LED Display
Discharge/Charge/
Pre-Charge FETs
VCELL4
VCELL3
VCELL2
VCELL1
bq29330
bq20z60-R1
bq20z60-R1
SLUS991 – DECEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
SYSTEM PARTITIONING DIAGRAM
PACKAGE THERMAL DATA
Table 2.
TA ≥ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
DEVICE
PACKAGE
θja
POWER RATING
TA > 25°C
POWER RATING
POWER RATING
bq20z60-R1
TSSOP-30
63.9°C/W
1565mW
15.65mW/°C
861mW
626mW
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq20z60-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com