Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD048 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD048
Description  QUAD CHANNEL M-LVDS RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD048 Datasheet(HTML) 3 Page - Texas Instruments

  SN65MLVD048 Datasheet HTML 1Page - Texas Instruments SN65MLVD048 Datasheet HTML 2Page - Texas Instruments SN65MLVD048 Datasheet HTML 3Page - Texas Instruments SN65MLVD048 Datasheet HTML 4Page - Texas Instruments SN65MLVD048 Datasheet HTML 5Page - Texas Instruments SN65MLVD048 Datasheet HTML 6Page - Texas Instruments SN65MLVD048 Datasheet HTML 7Page - Texas Instruments SN65MLVD048 Datasheet HTML 8Page - Texas Instruments SN65MLVD048 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN65MLVD048
www.ti.com
SLLS903 – DECEMBER 2009
Table 1. DEVICE FUNCTION TABLE
INPUTS(1)
RECEIVER TYPE
OUTPUT(1)
VID = VA – VB
PDN
FSEN
RE
R
VID > 35 mV
H
L
L
Type 1
H
–35 mV
≤ VID ≤ 35 mV
H
L
L
Type 1
?
VID < – 35 mV
H
L
L
Type 1
L
VID > 135 mV
H
H
L
Type 2
H
65 mV
≤ VID ≤ 135 mV
H
H
L
Type 2
?
VID < 65 mV
H
H
L
Type 2
L
Open Circuit
H
L
L
Type 1
?
Open Circuit
H
H
L
Type 2
L
X
H
X
H
X
Z
X
H
X
OPEN
X
Z
X
L
X
X
X
Z
(1)
H=high level, L=low level, Z=high impedance, X=Don’t care, ?=indeterminate
ORDERING INFORMATION(1)
PART NUMBER
FUNCTION
PART MARKING
PACKAGE / CARRIER
MLVD048
48-Pin QFN / Tape and Reel
SN65MLVD048RGZR
M-LVDS Type 1 and 2 Receiver
SN65MLVD048RGZT
MLVD048
48-Pin QFN / Small Tape and Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
PACKAGE DISSIPATION RATINGS
(1)
TA ≤ 25°C
DERATING FACTOR(2)
TA = 85°C
PACKAGE
PCB TYPE
POWER RATING
ABOVE TA = 25°C
POWER RATING
Low-K
1298 mW
12.98 mW/°C
519 mW
48-Pin QFN (RGZ)
High-K
3448 mW
34.48 mW/°C
1379 mW
(1)
The thermal dissipations are in the consideration of soldering down the powerPAD without via on each type of boards.
(2)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
THERMAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJB
Junction-to-board thermal resistance
9
°C/W
RθJC
Junction-to-case thermal resistance
20
°C/W
RθJP
Junction-to-pad thermal resistance
1.37
°C/W
PD
Device power dissipation
RE at 0 V, CL = 15 pF, VID = 400 mV, 125 MHz
339
mW
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :SN65MLVD048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com