Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT230PD Datasheet(PDF) 1 Page - RFHIC

Part # RT230PD
Description  Power Transistor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT230PD Datasheet(HTML) 1 Page - RFHIC

  RT230PD Datasheet HTML 1Page - RFHIC RT230PD Datasheet HTML 2Page - RFHIC RT230PD Datasheet HTML 3Page - RFHIC RT230PD Datasheet HTML 4Page - RFHIC RT230PD Datasheet HTML 5Page - RFHIC RT230PD Datasheet HTML 6Page - RFHIC RT230PD Datasheet HTML 7Page - RFHIC RT230PD Datasheet HTML 8Page - RFHIC RT230PD Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
▪ Tel : 82-31-250-5011
▪ rfsales@rfhic.com
R
RT
T223300P
PD
D
P
Poow
weerr T
Trraan
nssiissttoorr
▪ All specifications may change without notice.
▪ Version 5.2
Description
The RT230PD is designed for base stations and cell extenders and operating frequency range is from 50MHz to 4GHz.
RT230PD is GaAs HFET in SP-12 type package which has superior performance against the heat at high temperature
for its high reliability. It also has high efficiency, high gain and has a strong advantage using it as drive device at high
frequency.
RT230PD is 100% RF&DC tested.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Drain to Source Voltage
Vds
+12
V
Gate to Source Voltage Range
Vgs
0 to -5.0
V
Power Dissipation
Pt
7.5
W
Storage Temperature
Tstg
-65 to +175
℃
Channel Temperature
Tch
+175
℃
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Saturated Drain Current
Idss
1100
mA
Transconductance
gm
-
790
mS
Pinch-off Voltage
Vp
-1
-1.8
-3
V
Breakdown Voltage Gate-Source
Bvgs
-18
-25
V
Breakdown Voltage Gate-Drain
Bvgd
-18
-25
V
Output Power @ 1dB G.C.P
P1dB
34
34.5
dBm
Power Gain @ 1dB G.C.P
G1dB
14.5
dB
Power added efficiency
ηadd
50
%
Thermal Resistance
Rth
18
20
℃
/W
* Test Conditions : Vd=9V, Id=450mA, Ta=+25℃, Frequency=2.3GHz
Product Features
•
50 ~ 4000 MHz
•
18dB Gain@900MHz
•
34.5dBm P1dB@900MHz
•
47dBm Output IP3
•
GaAs HFET
Application
•
CDMA,W-CDMA Medium
Power Amplifier
•
High Linearity Drive Amplifier
•
ISM
•
MMDS
•
Wi-Fi, Wi-Max
Package : SP-12


Similar Part No. - RT230PD

ManufacturerPart #DatasheetDescription
logo
RFHIC
RT230PD RFHIC-RT230PD Datasheet
445Kb / 32P
Power Transistor
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results

Similar Description - RT230PD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com