Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5713PHP Datasheet(PDF) 38 Page - Texas Instruments

Part # TAS5713PHP
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713PHP Datasheet(HTML) 38 Page - Texas Instruments

Back Button TAS5713PHP Datasheet HTML 34Page - Texas Instruments TAS5713PHP Datasheet HTML 35Page - Texas Instruments TAS5713PHP Datasheet HTML 36Page - Texas Instruments TAS5713PHP Datasheet HTML 37Page - Texas Instruments TAS5713PHP Datasheet HTML 38Page - Texas Instruments TAS5713PHP Datasheet HTML 39Page - Texas Instruments TAS5713PHP Datasheet HTML 40Page - Texas Instruments TAS5713PHP Datasheet HTML 41Page - Texas Instruments TAS5713PHP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
TAS5713
SLOS637 – DECEMBER 2009
www.ti.com
Shutdown Sequence
Enter:
1.
Write 0x40 to register 0x05.
2.
Wait at least 1 ms + 1.3 × tstop (where tstop is specified by register 0x1A).
3.
If desired, reconfigure by returning to step 4 of initialization sequence.
Exit:
1.
Write 0x00 to register 0x05 (exit shutdown command may not be serviced for as much as 240 ms
after trim following AVDD/DVDD powerup ramp).
2.
Wait at least 1 ms + 1.3 × tstart (where tstart is specified by register 0x1A).
3.
Proceed with normal operation.
Power-Down Sequence
Use the following sequence to powerdown the device and its supplies:
1.
If time permits, enter shutdown (sequence defined above); else, in case of sudden power loss,
assert PDN = 0 and wait at least 2 ms.
2.
Assert RESET = 0.
3.
Drive digital inputs low and ramp down PVDD supply as follows:
Drive all digital inputs low after RESET has been low for at least 2 µs.
Ramp down PVDD while ensuring that it remains above 8 V until RESET has been low for at
least 2 µs.
4.
Ramp down AVDD/DVDD while ensuring that it remains above 3 V until PVDD is below 6 V and
that it is never more than 2.5 V below the digital inputs.
38
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com