Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2F8722DS Datasheet(PDF) 1 Page - RFHIC

Part # 2F8722DS
Description  CATV Line Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2F8722DS Datasheet(HTML) 1 Page - RFHIC

  2F8722DS Datasheet HTML 1Page - RFHIC 2F8722DS Datasheet HTML 2Page - RFHIC 2F8722DS Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
CA
AT
TV
V L
Liin
nee A
Am
mp
plliiffiieerr
22F
F88772222D
DS
S
22F
F88772222D
DS
SM
M
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.4
Product Features
Application
• GaAs Power Doubler
• Extremely Low Distortion
• Guaranteed Broadband Power Gain
• Heat Sink 99.9% Copper, & Gold Plated
• Excellent Thermal Conductivity
• Single Supply Voltage @ 24V
• Low DC Power Consumption
• Optimal Reliability
• CATV Trunk Amplifier
• Optical Drive Amplifier
Description
Hybrid Power Doubler amplifier for CATV Systems up to 870MHz in frequency.
This hybrid amplifier module operates with a single voltage supply of 24V (DC), and use GaAs MMIC technology.
Quick Reference Data
Limiting Values
Functional Diagram
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
F = 50 MHz
21.5
22.5
dB
Gp
Power gain
F = 870 MHz
22.5
-
dB
Itot
Total current consumption (DC)
Vcc = 24V
-
420
mA
Package Type: SOT-115J
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Vi
RF Input Voltage (Single Tone)
-
+70
dBmV
V
DC Supply Over Voltage (5 minutes)
28
V
Tstg
Storage Temperature
-40
+100
℃
Tmb
Operating Mounting Base Temperature
-20
+100
℃


Similar Part No. - 2F8722DS

ManufacturerPart #DatasheetDescription
logo
RFHIC
2F8722DS RFHIC-2F8722DS Datasheet
215Kb / 5P
CATV Line Amplifier
2F8722DS RFHIC-2F8722DS_14 Datasheet
215Kb / 5P
CATV Line Amplifier
More results

Similar Description - 2F8722DS

ManufacturerPart #DatasheetDescription
logo
RFHIC
2F8729D RFHIC-2F8729D Datasheet
228Kb / 4P
CATV Line Amplifier
2F8722D RFHIC-2F8722D Datasheet
163Kb / 3P
CATV Line Amplifier
2F8719DS RFHIC-2F8719DS Datasheet
164Kb / 3P
CATV Line Amplifier
2F8723P RFHIC-2F8723P Datasheet
163Kb / 3P
CATV Line Amplifier
1F8719P RFHIC-1F8719P Datasheet
199Kb / 3P
CATV Line Amplifier
2F1G20DS RFHIC-2F1G20DS_14 Datasheet
215Kb / 5P
CATV Line Amplifier
2F8718P RFHIC-2F8718P_14 Datasheet
214Kb / 5P
CATV Line Amplifier
2F8719DS RFHIC-2F8719DS_14 Datasheet
215Kb / 5P
CATV Line Amplifier
2F8720P RFHIC-2F8720P_14 Datasheet
214Kb / 5P
CATV Line Amplifier
2F8725P RFHIC-2F8725P_14 Datasheet
215Kb / 5P
CATV Line Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com