Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7368IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS7368IPWR
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7368IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7368IPWR Datasheet HTML 9Page - Texas Instruments THS7368IPWR Datasheet HTML 10Page - Texas Instruments THS7368IPWR Datasheet HTML 11Page - Texas Instruments THS7368IPWR Datasheet HTML 12Page - Texas Instruments THS7368IPWR Datasheet HTML 13Page - Texas Instruments THS7368IPWR Datasheet HTML 14Page - Texas Instruments THS7368IPWR Datasheet HTML 15Page - Texas Instruments THS7368IPWR Datasheet HTML 16Page - Texas Instruments THS7368IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
THS7368
www.ti.com
SBOS497 – DECEMBER 2009
TYPICAL CHARACTERISTICS
Table 3. Table of Graphs: 3.3 V, Standard-Definition (SD) Channels
TITLE
FIGURE
SD Channels Small-Signal Gain vs Frequency Response
Figure 2, Figure 3, Figure 6, Figure 7
SD Channels Large-Signal Gain vs Frequency Response
Figure 4, Figure 5
SD Channels Phase vs Frequency Response
Figure 8
SD Channels Group Delay vs Frequency Response
Figure 9
SD Channels Second-Order Harmonic Distortion vs Frequency
Figure 10, Figure 12
SD Channels Third-Order Harmonic Distortion vs Frequency
Figure 11, Figure 13
Table 4. Table of Graphs: 5 V, Standard-Definition (SD) Channels
TITLE
FIGURE
SD Channels Small-Signal Gain vs Frequency Response
Figure 19, Figure 20, Figure 23, Figure 24
SD Channels Large-Signal Gain vs Frequency Response
Figure 21, Figure 22
SD Channels Phase vs Frequency Response
Figure 25
SD Channels Group Delay vs Frequency Response
Figure 26
SD Channels Second-Order Harmonic Distortion vs Frequency
Figure 27, Figure 29
SD Channels Third-Order Harmonic Distortion vs Frequency
Figure 28, Figure 30
Table 5. Table of Graphs: 3.3 V, Selectable Filter (SF) Channels
TITLE
FIGURE
SF Channels Small-Signal Gain vs Frequency Response
Figure 14, Figure 15
SF Channels Phase vs Frequency Response
Figure 16
SF Channels Group Delay vs Frequency Response
Figure 17, Figure 18
Table 6. Table of Graphs: 5 V, Selectable Filter (SF) Channels
TITLE
FIGURE
SF Channels Small-Signal Gain vs Frequency Response
Figure 31, Figure 32
SF Channels Phase vs Frequency Response
Figure 33
SF Channels Group Delay vs Frequency Response
Figure 34, Figure 35
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS7368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com