Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP209 Datasheet(PDF) 5 Page - RFHIC

Part # AP209
Description  MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP209 Datasheet(HTML) 5 Page - RFHIC

  AP209 Datasheet HTML 1Page - RFHIC AP209 Datasheet HTML 2Page - RFHIC AP209 Datasheet HTML 3Page - RFHIC AP209 Datasheet HTML 4Page - RFHIC AP209 Datasheet HTML 5Page - RFHIC AP209 Datasheet HTML 6Page - RFHIC AP209 Datasheet HTML 7Page - RFHIC AP209 Datasheet HTML 8Page - RFHIC AP209 Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
M
MM
MIIC
C
A
AP
P2
20
09
9
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
Version 6.0
Application Circuit (1800MHz, Vdc=+7V)
9
10
11
12
13
14
1700
1740
1780
1820
1860
1900
Frequency(MHz)
-30
-25
-20
-15
-10
-5
20
25
30
35
40
45
50
1700
1740
1780
1820
1860
1900
Frequency(MHz)
1
2
3
4
5
1700
1740
1780
1820
1860
1900
Frequency(MHz)
19
20
21
22
23
24
1700
1740
1780
1820
1860
1900
Frequency(MHz)
S-Parameter vs. Frequency
OIP3 vs. Frequency
Noise Figure vs. Frequency
P1dB vs. Frequency
Bill of Material
Parameter
Parameter
C1
2.0 pF
L1
3.9 nH
C2
6.0 pF
L2
18 nH
C3
100 pF
L3
4.7 nH
C4
0.1 uF
R1
0 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com