Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD1891 Datasheet(PDF) 1 Page - RFHIC

Part # MD1891
Description  Active Down Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

MD1891 Datasheet(HTML) 1 Page - RFHIC

  MD1891 Datasheet HTML 1Page - RFHIC MD1891 Datasheet HTML 2Page - RFHIC MD1891 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
Ac
cttiiv
ve
e D
Do
ow
wn
n
M
Miix
xe
er
r
M
MD
D1
18
89
91
1
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.05
Product Features
Application
• Integrated Monolithic GaAs Mixer Package Module
• High Reliability
• Lower Manufacturing Cost
• Higher Productivity
• Very Low Noise Figure & Low Distortion
• Repeater
• Base Station
• RF Sub-Systems
Description
The IC operates from a positive +5V rail consuming 145 mA of current while only requiring a 2±2 dBm LO drive.
The MCM is implemented with reliable and mature GaAs MESFET technology.
Specifications
(Operating Temperature: -30
°C~+70°C)
Part
Number
RF
Frequency
(MHz)
IF
Frequency
(MHz)
Conversion
Gain
(dB)
OIP3
(dBm)
IIP3
(dBm)
NF
(dB)
Output
P1dB
(dB)
LO to IF
Leakage
(dBm)
RF to IF
Leakage
(dBm)
1700~1820
10
26
16
MD1891
1820~1920
50~200
9
26
17
8.5
10
-16
-20
Test Conditions : Ta=25
°C, Vdd=5V, PLO2dBm, IF=70MHz
Functional Diagram
Functional Pin Layout
Package Dimensions (Type: HY-2)
Top
Side
Recommended Pattern
Pin No.
Function
1 or 14
Vdd+5V
5
RF In
9
LO In
12
IF Out
2,3,4,6,7,8,10,11,13
Ground
1
1
5
9
12
14
7
8
14
Package Type: HY-2


Similar Part No. - MD1891

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MD1802FH STMICROELECTRONICS-MD1802FH Datasheet
102Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Aug-2006
MD1802FX STMICROELECTRONICS-MD1802FX Datasheet
109Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Aug-2006
MD1802FX STMICROELECTRONICS-MD1802FX Datasheet
214Kb / 11P
High voltage NPN power transistor for standard definition CRT display
14-Aug-2007
logo
Inchange Semiconductor ...
MD1802FX ISC-MD1802FX Datasheet
160Kb / 2P
isc Silicon NPN Power Transistor
logo
STMicroelectronics
MD1802FX STMICROELECTRONICS-MD1802FX_07 Datasheet
214Kb / 11P
High voltage NPN power transistor for standard definition CRT display
14-Aug-2007
More results

Similar Description - MD1891

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAX-9H MINI-MAX-9H Datasheet
82Kb / 1P
Active Mixer
MAX-19H MINI-MAX-19H Datasheet
81Kb / 1P
Active Mixer
logo
RFHIC
MO9Q RFHIC-MO9Q Datasheet
249Kb / 3P
Active Down Mixer
MD2191 RFHIC-MD2191 Datasheet
210Kb / 3P
Active Down Mixer
MD2391 RFHIC-MD2391 Datasheet
188Kb / 2P
Active Down Mixer
MD0993 RFHIC-MD0993 Datasheet
183Kb / 2P
Active Down Mixer
MD2193 RFHIC-MD2193 Datasheet
189Kb / 3P
Active Down Mixer
logo
Mini-Circuits
MACA-63H MINI-MACA-63H Datasheet
358Kb / 2P
Active Mixer
MACA-242H MINI-MACA-242H Datasheet
340Kb / 2P
Active Mixer
UNCL-L1H MINI-UNCL-L1H Datasheet
233Kb / 2P
Active Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com