Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2AM2121S Datasheet(PDF) 5 Page - RFHIC

Part # 2AM2121S
Description  Variable Gain Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2AM2121S Datasheet(HTML) 5 Page - RFHIC

  2AM2121S Datasheet HTML 1Page - RFHIC 2AM2121S Datasheet HTML 2Page - RFHIC 2AM2121S Datasheet HTML 3Page - RFHIC 2AM2121S Datasheet HTML 4Page - RFHIC 2AM2121S Datasheet HTML 5Page - RFHIC 2AM2121S Datasheet HTML 6Page - RFHIC 2AM2121S Datasheet HTML 7Page - RFHIC 2AM2121S Datasheet HTML 8Page - RFHIC 2AM2121S Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
V
Va
ar
riia
ab
blle
e G
Ga
aiin
n
Amplifier
2
2A
AM
M S
Se
er
riie
ess
▪ Tel : 82-31-250-5011
Page 5/9
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.2
Variable Attenuator Accuracy (2300MHz)
Attenuation Steps
Data
Attenuation Steps
Data
16dB
-16.01dB
2dB
-2.18dB
8dB
-8.03dB
1dB
-1.00dB
4dB
-4.02dB
0.5dB
-0.49dB
2AM2121S Attenuation setting variation
0.5
5.5
10.5
15.5
20.5
25.5
30.5
35.5
Atten Setting(dB)
S-parameter at Full Attenuation (31.5dB)
Attenuation value:
-30.96dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com