Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP261 Datasheet(PDF) 1 Page - RFHIC

Part # CP261
Description  Directional Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CP261 Datasheet(HTML) 1 Page - RFHIC

  CP261 Datasheet HTML 1Page - RFHIC CP261 Datasheet HTML 2Page - RFHIC CP261 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
Diir
re
ec
cttiio
on
na
all
C
Co
ou
up
plle
er
r
C
CP
P2
26
61
1
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.0
Product Features
Application
• Passive Integration on Silicon
• Low Insertion Loss
• High Isolation
• Solder Pad
• Low Cost
• Repeater
• Base Station
• RF Sub-Systems
Description
The CP Series is a monolithic directional coupler for low cost wireless applications.
Specifications at 25℃, 50Ω in/out impedance
Block Diagram & Pin Out
Absolute Maximum Ratings
PARAMETER
Units
Min
Typ
Max
Frequency Range
MHz
2500
2700
Insertion Loss
dB
0.3
0.5
Input Return Loss
dB
20
26
Output Return Loss
dB
20
26
Coupling
dB
14
15
16
Coupling Return Loss
dB
10
14
Isolation
dB
20
25
Remarks
MHz
2600
Parameter
Value
Input Power
1 W
Operating
Temperature
-40 ~ +85℃
Storage
Temperature
-65 ~ + 150℃


Similar Part No. - CP261

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
CP2612-0000 BECKHOFF-CP2612-0000 Datasheet
156Kb / 3P
Panel PC with ARM Cortex??A8
CP2613-0000 BECKHOFF-CP2613-0000 Datasheet
156Kb / 3P
Panel PC with ARM Cortex??A8
logo
Silicon Laboratories
CP2614 SILABS-CP2614 Datasheet
696Kb / 2P
MFi Accessory Digital Audio Bridge
CP2615 SILABS-CP2615 Datasheet
844Kb / 35P
USB Audio to I2S Digital Audio Bridge
logo
Beckhoff Automation Gmb...
CP2615-0000 BECKHOFF-CP2615-0000 Datasheet
156Kb / 3P
Panel PC with ARM Cortex??A8
More results

Similar Description - CP261

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DC17-73 ALPHA-DC17-73 Datasheet
58Kb / 3P
Directional Coupler
logo
Mini-Circuits
ZFDC-10-5 MINI-ZFDC-10-5 Datasheet
77Kb / 1P
Directional Coupler
logo
Merrimac Industries, In...
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
DIRECTIONAL COUPLER
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
DIRECTIONAL COUPLER
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
Directional Coupler
logo
RFHIC
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
Directional Coupler
CP361 RFHIC-CP361 Datasheet
177Kb / 3P
Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
Directional coupler
KDK-20-225 SYNERGY-KDK-20-225 Datasheet
252Kb / 3P
Directional coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com