Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP360 Datasheet(PDF) 1 Page - RFHIC

Part # CP360
Description  Directional Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CP360 Datasheet(HTML) 1 Page - RFHIC

  CP360 Datasheet HTML 1Page - RFHIC CP360 Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
Diir
re
ec
cttiio
on
na
all
C
Co
ou
up
plle
er
r
C
CP
P3
36
60
0
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.2
Product Features
Application
• Passive Integration on Silicon
• Low Insertion Loss
• High Isolation
• Solder Pad
• Low Cost
• Pb Free / RoHS Copliant
• Repeater
• Base Station
• RF Sub-Systems
Description
The CP Series is a monolithic directional coupler for low cost wireless applications.
Specifications at 25℃
Package Dimensions (Type: SOIC-8)
PARAMETER
Units
Min
Typ
Max
Frequency Range
MHz
3400
3700
Insertion Loss
dB
0.3
0.5
Input Return Loss
dB
10
15
Output Return Loss
dB
10
15
Coupling
dB
14
15
16
Coupling Port Return Loss
dB
10
13
Isolation
dB
18
21
Remarks
MHz
3500
Absolute Maximum Ratings
Parameter
Value
Input Power
2 W
Operating
Temperature
-40 ~ +85℃
Storage
Temperature
-65 ~ + 150℃


Similar Part No. - CP360

ManufacturerPart #DatasheetDescription
logo
RFHIC
CP361 RFHIC-CP361 Datasheet
177Kb / 3P
Directional Coupler
logo
Central Semiconductor C...
CP361R CENTRAL-CP361R Datasheet
763Kb / 2P
Small Signal MOSFET N-Channel Enhancement-Mode MOSFET Chip
CP361R-CEDM7001 CENTRAL-CP361R-CEDM7001 Datasheet
799Kb / 4P
N-Channel MOSFET Die Enhancement-Mode
R0 27-August 2018
CP361X-CEDM7001 CENTRAL-CP361X-CEDM7001 Datasheet
799Kb / 4P
N-Channel MOSFET Die Enhancement-Mode
R0 6-June 2016
logo
CUI INC
CP36367H-2 CUI-CP36367H-2 Datasheet
291Kb / 4P
PELTIER MODULE
More results

Similar Description - CP360

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DC17-73 ALPHA-DC17-73 Datasheet
58Kb / 3P
Directional Coupler
logo
Mini-Circuits
ZFDC-10-5 MINI-ZFDC-10-5 Datasheet
77Kb / 1P
Directional Coupler
logo
Merrimac Industries, In...
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
DIRECTIONAL COUPLER
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
DIRECTIONAL COUPLER
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
Directional Coupler
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
Directional Coupler
CP361 RFHIC-CP361 Datasheet
177Kb / 3P
Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
Directional coupler
KDK-20-225 SYNERGY-KDK-20-225 Datasheet
252Kb / 3P
Directional coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com