Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2111 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2111
Description  2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2111 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2111 Datasheet HTML 1Page - Diodes Incorporated AP2111 Datasheet HTML 2Page - Diodes Incorporated AP2111 Datasheet HTML 3Page - Diodes Incorporated AP2111 Datasheet HTML 4Page - Diodes Incorporated AP2111 Datasheet HTML 5Page - Diodes Incorporated AP2111 Datasheet HTML 6Page - Diodes Incorporated AP2111 Datasheet HTML 7Page - Diodes Incorporated AP2111 Datasheet HTML 8Page - Diodes Incorporated AP2111 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP2101/AP2111
2A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2101/AP2111 Rev. 1
5 of 14
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
VEN
90%
VOUT
TD(ON)
10%
TD(OFF)
50%
50%
TR
10%
90%
TF
VEN
90%
VOUT
TD(ON)
10%
TD(OFF)
50%
50%
TR
10%
90%
TF
Figure 1. Voltage Waveforms: AP2101 (left), AP2111 (right)
All Enable Plots are for AP2111 Active High
Turn-On Delay and Rise Time
400us/div
Turn-Off Delay and Fall Time
400us/div
Turn-On Delay and Rise Time
400us/div
Turn-Off Delay and Fall Time
400us/div
Vout
2V/div
Ven
5V/div
CL=1uF
TA=25°C
RL=5Ω
Vout
2V/div
Ven
5V/div
CL=1uF
TA=25°C
RL=5Ω
Vout
2V/div
Ven
5V/div
CL=100uF
TA=25°C
RL=5Ω
Vout
2V/div
Ven
5V/div
CL=100uF
TA=25°C
RL=5Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com