Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7168 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7168
Description  1.2A LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7168 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7168 Datasheet HTML 1Page - Diodes Incorporated AP7168 Datasheet HTML 2Page - Diodes Incorporated AP7168 Datasheet HTML 3Page - Diodes Incorporated AP7168 Datasheet HTML 4Page - Diodes Incorporated AP7168 Datasheet HTML 5Page - Diodes Incorporated AP7168 Datasheet HTML 6Page - Diodes Incorporated AP7168 Datasheet HTML 7Page - Diodes Incorporated AP7168 Datasheet HTML 8Page - Diodes Incorporated AP7168 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP7168
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
4 of 11
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25
oC, VIN = VOUT +1V, CIN = 1µF, COUT = 10µF, VEN = VIN, unless otherwise stated)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
IQ
Input Quiescent Current
IOUT= 0
⎯
125
180
µA
ISHDN
Input Shutdown Current
VEN = 0V, IOUT = 0 (Note 4)
-1
0.1
1
µA
VDropout
Dropout Voltage
VOUT ≥ 1.5V, IOUT = 0.5A
230
mV
VOUT ≥ 1.5V, IOUT = 1A
500
800
mV
VREF
FB reference voltage
0.8
V
IFB
FB leakage
⎯
0.01
1
µA
VOUT
Output Voltage Total Accuracy
-3
3
%
OUT
IN
OUT
V
ΔV
ΔV
/
Line Regulation
VIN = VOUT +1V to 5.5V,
IOUT = 1mA
0.02
%/V
ΔV
OUT / VOUT
Load Regulation
IOUT from 1mA to 1A
-1.5
1.5
%
tST
Start-up Time, from EN high to
POK high
VEN = 0V to 2.0V, IOUT =
100mA, VIN = 3.3V
190
µs
PSRR
Power Supply Rejection Ratio
1kHz, VIN = 3.3V, VOUT =
1.2V, IOUT = 100mA
60
dB
ILIMIT
Current limit
VOUT = 1.8V, ROUT = 0.5Ω
1.2
1.6
A
ISHORT
Short-circuit Current
VIN = 3.3V, VOUT < 0.2V
750
mA
VIL
EN Input Logic Low Voltage
0.4
V
VIH
EN Input Logic High Voltage
1.4
V
IEN
EN Input leakage
VEN = 0V or 5.5V
⎯
0.01
1
µA
VOL
POK output low voltage
Force 2mA
100
200
mV
VPOK_TH_UP
Output voltage (rising) POK
threshold
FB (or OUT for fixed
version) rising
87%
92%
97%
Vref
VPOK_Hys
Output voltage POK hysteresis
4%
Vref
POK deglitch
VIN = 3.3V, VOUT = 1.2V
160
µs
IPOK_LK
POK leakage current
VPOK = 5.5V
⎯
0.01
1
µA
TSHDN
Thermal shutdown threshold
145
°C
THYS
Thermal shutdown hysteresis
25
°C
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L-EP (Note 5)
74
oC/W
Notes:
4. POK pin must be disconnected from IN pin.
5. Test condition for SOP-8L-EP: Device mounted on 2oz copper, minimum recommended pad layout on top & bottom layer with thermal vias,
double sided FR-4 PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com