Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8406 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8406
Description  192 kHz Digital Audio Interface Transmitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8406 Datasheet HTML 6Page - Cirrus Logic CS8406 Datasheet HTML 7Page - Cirrus Logic CS8406 Datasheet HTML 8Page - Cirrus Logic CS8406 Datasheet HTML 9Page - Cirrus Logic CS8406 Datasheet HTML 10Page - Cirrus Logic CS8406 Datasheet HTML 11Page - Cirrus Logic CS8406 Datasheet HTML 12Page - Cirrus Logic CS8406 Datasheet HTML 13Page - Cirrus Logic CS8406 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
DS580F5
CS8406
CS8406
+3.3 V or +5.0 V
GND
ILRCK
ISCLK
SDIN
Hardware
Control
APMS
TCBLD
RST
SFMT0
VD
VL
TXP
0.1 F
μ
Serial
Audio
Source
Clock Source
and Control
OMCK
SFMT1
TXN
H/S
TCBL
To/from other
CS8406's
CEN
47k
Ω
U
Transmission
Interface
User Data
Source
EMPH
AUDIO
ORIG
V
Validity
Source
+3.3 V or +5.0 V
0.1 F
μ
47k
Ω
C Data
Source
COPY/C
HWCK1
HWCK0
Figure 6. Recommended Connection Diagram for Hardware Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com