Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2F8725P Datasheet(PDF) 3 Page - RFHIC

Part # 2F8725P
Description  CATV Line Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2F8725P Datasheet(HTML) 3 Page - RFHIC

  2F8725P Datasheet HTML 1Page - RFHIC 2F8725P Datasheet HTML 2Page - RFHIC 2F8725P Datasheet HTML 3Page - RFHIC 2F8725P Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C
CA
AT
TV
V L
Liin
nee A
Am
mp
plliiffiieerr
22F
F88772255P
P
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.4
+
47㎌
NOTES FOR CORRECT USE
Recommended Filter
Specification @ 25℃
Cutoff Frequency
45 MHz
Bandwidth
45 ~ 1000 MHz
Return Loss
15 dB Min.
Attenuation
@ DC ~ 20 MHz
25 dBc Min
In/Out Impedance
75 ohm
1.
On the power input port (Pin#5), 47uF/35V capacitor GND is
recommended.
2.
The heat sink of CATV Hybrids is to be mounted in direct contact
with the metal case of the equipment. Heat conducting grease should
be applied to the module/equipment interface and the unit tightly
secured.
3.
Put the power off before adjusting in/output matching of the system.
4.
The unit must have a common ground with the equipment and the
analyzer.
5.
Pay close attention to the input voltage not to over power the hybrid.
6.
The space between bottom of socket and the tip of the lead is
recommended to have space of 2mm+ to protect the pin
7.
Do not open the plastic cover to change the matching inside the
hybrid. Once opened, RFHIC will not be responsible for the hybrid.
8. This CATV Hybrid amplifier is designed with GaAs technology and
can be damaged by electrical shock. To protect the device from
excessive AC input, user should use a high pass filter(Note 1) at the
in/output port of the hybrid amp or use a diplexer filter at the in/output
port of the system/equipment to be on the safe side.
Note 1. Recommend High Pass Filter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com