Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDP6026 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDP6026
Description  Triple input LCD controller for WSXGA and WUXGA applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP6026 Datasheet(HTML) 3 Page - STMicroelectronics

  STDP6026 Datasheet HTML 1Page - STMicroelectronics STDP6026 Datasheet HTML 2Page - STMicroelectronics STDP6026 Datasheet HTML 3Page - STMicroelectronics STDP6026 Datasheet HTML 4Page - STMicroelectronics STDP6026 Datasheet HTML 5Page - STMicroelectronics STDP6026 Datasheet HTML 6Page - STMicroelectronics STDP6026 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STDP6026, STDP6028, STDP6038
Feature attributes
Doc ID 15270 Rev 2
3/7
2
Feature attributes
Advanced color controls
TV style color controls including hue and saturation
Faroudja RealColor provides six axis color controls, flesh-tone adjustment, gray
guarding and image enhancement
Multiple-bin ACC extends the dynamic range of the display
Analog RGB input
205 MHz 10-bit ADC supports analog input up to UXGA @ 75
Composite-sync and Sync-on-Green (SOG) support
Instant Auto™ for automatic phase and clock adjustment
Ultra-reliable DVI input
Operating speed 165 MHz (up to UXGA 60 Hz)
Direct connect to all DVI-compliant digital transmitters
High-bandwidth Digital Content Protection (HDCP)
DisplayPort input
4-lane DisplayPort 1.1a compliant RX
One auxiliary channel
I2S (up to 8 channels) or SPDIF audio output ports
HMDI 1.3 compliant RX
Supports resolutions up to 1080p/WUXGA
Deep color and wide gamut support: 12-bit HDMI input at YCC 4:4:4
Backwards compatible with DVI
Supports integrated HDCP
Supports audio
Intelligent image processing™
Programmable coefficients for user sharpness control
Real Recovery™ function provides full color recovery image for refresh rates
higher than those supported by the LCD panel
x86 on-chip microcontroller
High-performance x86 MCU with on-chip RAM and ROM
Unified memory architecture simplifies chip programming
Three DDC2Bi ports on VGA, HDMI/DVI and DP/HDMI/DVI inputs with DMA buffer
to internal RAM. DDC buses can function as GPIO
Slow clock mode for 50mW sleep mode power consumption
On-chip OSD controller
1, 2 and 4-bit per pixel character cells
Blinking, transparency and blending
Supports two independent OSD menu rectangles
LVDS transmitters
Double pixel up to UXGA @ 60 output
Support for 8 or 6-bit LVDS (with high-quality dithering)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com