Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1F7534P Datasheet(PDF) 2 Page - RFHIC

Part # 1F7534P
Description  CATV Line Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

1F7534P Datasheet(HTML) 2 Page - RFHIC

  1F7534P Datasheet HTML 1Page - RFHIC 1F7534P Datasheet HTML 2Page - RFHIC 1F7534P Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C
CA
AT
TV
V L
Liin
ne
e A
Am
mp
plliiffiie
er
r
1
1F
F7
75
53
34
4P
P
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
Notes;
1. fp=55.25MHz; Vp=44dBmV; fq=691.25MHz; Vq=44dBmV; measured at fp+fq=746.5MHz
2. fp=740.25MHz; Vp=Vo; fq=747.25MHz; Vq=Vo-6dB; fr=749.25MHz; Vr=Vo-6dB; measured at fp+fq-fr=738.25MHz
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity.
Proper ESD control techniques should be used when handling these devices. Some of the precautions recommended are;
- Person at a workbench should be earthed via a wrist strap and a resistor.
- All mains-powered equipment should be connected to the mains via an earth-leakage switch.
- Equipment cases should be grounded.
- Relative humidity should be maintained between 40% and 50%.
- An ionizer is recommended.
- Keep static materials, such as plastic envelopes and plastic trays etc. away from the workbench.
CHARACTERISTICS
Bandwidth 50 to 750MHz; VCC = 12V; Tcase = 25℃; ZS = ZL = 75Ω
DISTORTION
Bandwidth 50 to 870MHz; VCC = 12V; Tcase = 25℃; ZS = ZL = 75Ω
ESD PROTECTION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f = 50 MHz
33.5
-
34.5
dB
Gp
Power Gain
f = 750 MHz
34.5
34.8
-
dB
SL
Slope Cable Equivalent
f = 50 to 750 MHz
-
-
1.0
dB
FL
Flatness of Frequency Response
f = 50 to 750 MHz
-
0.5
-
dB
f = 50 to 80 MHz
16.0
17.0
-
dB
f = 80 to 160 MHz
16.0
17.0
-
dB
f = 160 to 320 MHz
16.0
18.0
-
dB
f = 320 to 640 MHz
16.0
17.5
-
dB
S11
Input Return Loss
f = 640 to 750 MHz
16.0
17.5
-
dB
f = 50 to 80 MHz
16.0
17.0
-
dB
f = 80 to 160 MHz
16.0
17.0
-
dB
f = 160 to 320 MHz
16.0
18.0
-
dB
f = 320 to 640 MHz
16.0
17.5
-
dB
S22
Output Return Loss
f = 640 to 750 MHz
16.0
17.5
-
dB
f = 50 MHz
-
4.5
-
dB
f = 550 MHz
-
4.5
-
dB
f = 600 MHz
-
4.5
-
dB
f = 650 MHz
-
4.5
-
dB
F
Noise Figure
f = 750 MHz
-
4.5
-
dB
Itot
Total Current Consumption (DC)
560
580
650
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
110 channel flat; Vo = 44dBmV
-
-60
-58
dBc
CTB
Composite Triple Beat
79 channel flat; Vo = 46dBmV
-
-61
-59
dBc
110 channel flat; Vo = 44dBmV
-
-62
-59
dBc
XMOD
Cross Modulation
79 channel flat; Vo = 46dBmV
-
-61
-59
dBc
110 channel flat; Vo = 44dBmV
-
-62
-59
dBc
CSO
Composite Second Order distortion
79 channel flat; Vo = 46dBmV
-
-62
-59
dBc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com