Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2301 Datasheet(PDF) 3 Page - RFHIC

Part # AP2301
Description  MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP2301 Datasheet(HTML) 3 Page - RFHIC

  AP2301 Datasheet HTML 1Page - RFHIC AP2301 Datasheet HTML 2Page - RFHIC AP2301 Datasheet HTML 3Page - RFHIC AP2301 Datasheet HTML 4Page - RFHIC AP2301 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M
MM
MIIC
C
A
AP
P22330011 ((OOlldd ppaarrtt##:: AAPP223300SS1122))
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 2.0
Application Circuit: 30MHz ~ 2000MHz
Performance Charts (Vdc=5V, Id=220mA, Tc=25℃)
S-parameter Vs. Frequency
-40
-30
-20
-10
0
10
20
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Freq(MHz )
5
7
9
11
13
15
17
S11
S22
Gain(dB)
Noise Figure Vs. Frequency
0
1
2
3
4
5
6
30
200
400
600
800
1000
1200
1400
1600
1800
2000
Freq(MHz )
NF(dB)
OIP3 V s. Frequency
21
25
29
33
37
41
45
30
200
400
600
800
1000
1200
1400
1600
1800
2000
Freq(MHz )
OIP3(dBm)
P1dB V s. Frequency
0
5
10
15
20
25
30
30
200
400
600
800
1000
1200
1400
1600
1800
2000
Freq(MHz )
P1dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com