Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI7108 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STI7108
Description  Advanced HD AVC decoder with 3D graphics acceleration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7108 Datasheet(HTML) 5 Page - STMicroelectronics

  STI7108 Datasheet HTML 1Page - STMicroelectronics STI7108 Datasheet HTML 2Page - STMicroelectronics STI7108 Datasheet HTML 3Page - STMicroelectronics STI7108 Datasheet HTML 4Page - STMicroelectronics STI7108 Datasheet HTML 5Page - STMicroelectronics STI7108 Datasheet HTML 6Page - STMicroelectronics STI7108 Datasheet HTML 7Page - STMicroelectronics STI7108 Datasheet HTML 8Page - STMicroelectronics STI7108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STi7108
Introduction
Doc ID 16790 Rev 1
5/12
Display and output
Independent Main and Aux display compositors (Video/Graphics mixing):
Four independent graphics planes (GDPs) with H and V resize, CLUT and anti-
flicker filtering
Flexibility to have three graphics planes on the Main compositor and one on the
Auxiliary compositor or two graphics planes on each compositor
Two video planes: Main Video plane and a 2nd video plane assignable for PIP or
the Auxiliary display
PIP is also possible using a graphics plane on Main compositor when the 2nd
video plane is used for Auxiliary display
Two options provided for concurrent HD and SD output of the main composition:
HD display capture, down-conversion and auxiliary display with single graphics
plane
Symmetric assignment of two graphics planes and one video plane set on each
compositor
HDMI 1.3a* interface with HDCP copy protection. (HD/ED/SD formats up to 1080p60,
high bit rate audio, deep color modes (30/36bits) and xv-YCC colorimetry pass
through):
Integrated HDMI CEC line controller
PAL/NTSC/SECAM digital encoder
Macrovision and Dwight Cavendish analog copy protection
Six 10-bit DACs for component/composite analog video output (HD/ED/SD formats up
to 1080i):
DACs available for HD + SD output, or all DACs can be used for SD output with
concurrent HD over HDMI
Digital video input port (DVP), 8-bit SD, 16-bit HD formats supported
24-bit digital video output (DVO) for main display composition (HD/ED/SD formats)
Audio
ST231 CPU based Audio processor:
MPEG1 I/II, MP3, Dolby Digital/DD+, MPEG4 AAC/AAC+, WMA/WMA-pro, Dolby
True-HD, DTS HD Master Audio
Multi-channel audio decoding with down-mixing
PCM mixing with sample rate conversion
Volume levelling
Concurrent audio description decoding
DD+ to DD and AAC+ to DD/DTS up-transcoding
Audio encoding to AAC stereo or MP3 stereo for down-transcoding support
Integrated stereo audio DAC
7.1-channel audio PCM output interface
Stereo audio PCM input interface
Independent S/PDIF output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com