Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5541AARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD5541AARMZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541AARMZ Datasheet(HTML) 3 Page - Analog Devices

  AD5541AARMZ Datasheet HTML 1Page - Analog Devices AD5541AARMZ Datasheet HTML 2Page - Analog Devices AD5541AARMZ Datasheet HTML 3Page - Analog Devices AD5541AARMZ Datasheet HTML 4Page - Analog Devices AD5541AARMZ Datasheet HTML 5Page - Analog Devices AD5541AARMZ Datasheet HTML 6Page - Analog Devices AD5541AARMZ Datasheet HTML 7Page - Analog Devices AD5541AARMZ Datasheet HTML 8Page - Analog Devices AD5541AARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Preliminary Technical Data
AD5541A/AD5542A/AD5512AA
Rev. P
rA | Page 3 of 24
TABLE OF CONTENTS
Features...............................................................................................1
 
Applications .......................................................................................1
 
General Description..........................................................................1
 
Functional Block Diagrams .............................................................1
 
Revision History................................................................................3
 
Specifications .....................................................................................4
 
Timing Characteristics .................................................................5
 
Absolute Maximum Ratings ............................................................6
 
ESD Caution ..................................................................................6
 
Pin Configurations and Function Descriptions............................7
 
Typical Performance Characteristics ..............................................9
 
Terminology.....................................................................................12
 
Theory of Operation .......................................................................13
 
Digital-to-Analog Section..........................................................13
 
Serial Interface.............................................................................13
 
Unipolar Output Operation.......................................................13
 
Bipolar Output Operation .........................................................14
 
Output Amplifier Selection .......................................................14
 
Force Sense Amplifier Selection ...............................................14
 
Reference and Ground ...............................................................14
 
Power-On Reset...........................................................................15
 
Power Supply and Reference Bypassing...................................15
 
Microprocessor Interfacing ...........................................................16
 
AD5541/AD5542 to ADSP-2101/ADSP-2103 Interface........16
 
AD5541/AD5542 to 68HC11/68L11 Interface .......................16
 
AD5541/AD5542 to MICROWIRE Interface .........................16
 
AD5541/AD5542 to 80C51/80L51 Interface...........................16
 
Applications Information...............................................................17
 
Optocoupler Interface ................................................................17
 
Decoding Multiple AD5541/AD5542s.....................................17
 
Outline Dimensions........................................................................18
 
Ordering Guide ...........................................................................21
 
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com