Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3019 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N3019
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3019 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N3019 Datasheet HTML 1Page - Comset Semiconductor 2N3019 Datasheet HTML 2Page - Comset Semiconductor 2N3019 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N3019 – 2N3020
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
2N3019
VCB =950 V, IE =0
2N3020
-
-
10
nA
2N3019
ICBO
Collector Cutoff Current
VCB =90 V, IE =0, Tj =150°C
2N3020
-
-
10
µA
2N3019
IEBO
Emitter Cutoff Current
VEB =5 V, IC =0
2N3020
-
-
10
nA
2N3019
VCEO
Collector Emitter Breakdown
Voltage
IC =10 mA, IB =0
2N3020
80
-
-
V
2N3019
VCBO
Collector Base Breakdown
Voltage
IC =100 µA, IE =0
2N3020
140
-
-
V
2N3019
VEBO
Emitter Base Breakdown
Voltage
IE =100 µA, IC =0
2N3020
7
-
-
V
2N3019
50
-
-
IC =0.1 mA, VCE =10 V
2N3020
30
-
100
2N3019
90
-
-
IC =10 mA, VCE =10 V
2N3020
40
-
120
2N3019
100
-
300
IC =150 mA, VCE =10 V
2N3020
40
-
120
2N3019
50
-
-
IC =500 mA, VCE =10 V
2N3020
30
-
100
2N3019
IC =1 A, VCE =10 V
2N3020
15
-
-
hFE (1)
DC Current Gain
IC =150 mA, VCE =10 V
Tamb = -55°C
2N3019
40
-
-
-
2N3019
IC =150 mA, IB =15 mA
2N3020
-
-
0.2
2N3019
VCE(SAT) (1)
Collector-Emitter saturation
Voltage
IC =500 mA, IB =50 mA
2N3020
-
-
0.5
VBE(SAT) (1)
Base-Emitter saturation
Voltage
IC =150 mA, IB =15 mA
2N3019
-
-
1.1
V
2N3019
100
-
-
fT
Transition frequency
IC =50 mA, VCE =10 V
f = 20 MHz
2N3020
80
-
-
MHz
2N3019
80
-
400
hfe
Small Signal Current Gain
IC =1 mA, VCE =5 V
f = 1 kHz
2N3020
30
-
200
-
NF
Noise Figure
IC=-100 µA, VCE =10 V
f = 1 kHz, Rg = 1kΩ
2N3019
-
-
4
dB
2N3019
CCBO
Collector-Base capacitance
IE = 0 ,VCB=10 V
f = 1 MHz
2N3020
-
-
12
pF
2N3019
CEBO
Emitter-Base capacitance
IC = 0 ,VEB=0.5 V
f = 1 MHz
2N3020
-
-
60
pF
2N3019
rbb’Cb’c
Feedback Time Constant
IC =10 mA, VCE =10 V
f = 4 MHz
2N3020
-
-
400
ps
(1) Pulse conditions : tp < 300
µs, δ =2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com