Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5672 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N5672
Description  HIGH CURRENT FAST SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N5672 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N5672 Datasheet HTML 1Page - Comset Semiconductor 2N5672 Datasheet HTML 2Page - Comset Semiconductor 2N5672 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMSET SEMICONDUCTORS
2/3
NPN 2N5671 – 2N5672
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
2N5671
90
-
-
VCEO(SUS)
Collector-Emitter
Sustaining Voltage (1)
IC=200 mA, IB=0
2N5672 120
-
-
V
2N5671 110
-
-
VCER(SUS)
RBE=50Ω
Collector-Emitter
Sustaining Voltage (1)
IC=0.2 A , RBE=50Ω
2N5672 140
-
-
V
2N5671 120
-
-
VCEX(SUS)
Collector-Emitter
Sustaining Voltage (1)
IC=0.2 A , VBE=-1.5V , RBE=50Ω
2N5672 150
-
-
V
2N5671
ICEO
Collector Cutoff Current
VCE=80 V
2N5672
--
10
mA
VCE=110 V, VEB=-1.5 V,
2N5671
--
12
VCE=135 V, VEB=-1.5 V,
2N5672
10
2N5671
--
15
ICEX
Collector Cutoff Current
VCE=100 V, VEB=-1.5 V,
TC=150°C
2N5672
--
10
mA
2N5671
IEBO
Emitter Cutoff Current
VBE=7.0 V, IC=0
2N5672
--
10
mA
2N5671
IC=15 A, VCE=2.0 V
2N5672
20
-
100
2N5671
hFE
DC Current Gain (1)
IC=20 A, VCE=5.0 V
2N5672
20
-
-
-
2N5671
VCE(SAT)
Collector-Emitter
saturation Voltage (1)
IC=15 A, IB=1.2 A
2N5672
-
-
0.75
2N5671
VBE(SAT)
Base-Emitter saturation
Voltage (1)
IC=15 A, IB=1.2 A
2N5672
--
1.5
V
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
2N5671
VBE
Base-Emitter Voltage (1)
IC=15 A, VCE=5.0 V
2N5672
--
1.6
V
2N5671
fT
Transition frequency
VCE=10 V, IC=2 A,
2N5672
50
-
-
MHz
VCE=24 V
2N5671 5.8
-
-
Is/b
Second Breakdown energy
(2)
VCE=45 V
2N5672 0.9
-
-
A
2N5671
Es/b
Second Breakdown energy
VBE=-4 V, RBE=20Ω ,L=180µH 2N5672 20
-
-
mJ
2N5671
ton
Turn-on time
2N5672
--
0.5
2N5671
ts
Storage time
2N5672
--
1.5
2N5671
tf
File time
IC=15 A , VCC=30 V
IB1 = -IB2 =1.2 A
2N5672
--
0.5
µs
2N5671
CBO
Collector-Base Capacitance IE= 0 , VCB= 10 V , f = 1MHz
2N5672
-
-
900
pF
(1) Pulse Width
≈ 300 µs, Duty Cycle =1.5%
(2) Pulsed : 1 s, non repetitive pulse



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com