Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD182 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD182
Description  NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD182 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD182 Datasheet HTML 1Page - Comset Semiconductor BD182 Datasheet HTML 2Page - Comset Semiconductor BD182 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD181 – BD182 – BD183
COMSET SEMICONDUCTORS
2/3
Symbol
Ratings
Value
Unit
BD181
BD182
PTOT
Power dissipation
BD183
117
W
BD181
BD182
TJ Ts
Junction
Storage Temperature
BD183
200
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BD181
-
-
BD182
-
-
IEBO
Emitter-Base Cutoff Current VEB= 7 V, IC=0
BD183
-
-
5.0
A
VCB=45 V
tj=200°C
BD181
-
-
2.0
VCB=60 V
tj=200°C
BD182
-
-
5.0
ICBO
Collector-Base Cutoff
Current
VCB=80 V
tj=200°C
BD183
-
-
5.0
mA
BD181
45
-
-
BD182
60
-
-
VCEO(BR)
Collector-Emitter
Breakdown Voltage (*)
IC=200 mA, IB=0
BD183
80
-
-
V
IC=3 A, IB=0.3 A
BD181
-
-
1.0
IC=4 A, IB=0.4 A
BD182
-
-
1.0
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=3 A, IB=0.3 A
BD183
-
-
1.0
V
BD181
55
-
-
BD182
70
-
-
VBR(CER)
Collector-Emitter
Breakdown Voltage (*)
IC=200 mA, RBE=100 Ω
BD183
85
-
-
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com