Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDT82 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BDT82
Description  SILICON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT82 Datasheet(HTML) 1 Page - Comset Semiconductor

  BDT82 Datasheet HTML 1Page - Comset Semiconductor BDT82 Datasheet HTML 2Page - Comset Semiconductor BDT82 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMSET SEMICONDUCTORS
1/3
PNP BDT82 – BDT84 – BDT86 – BDT88
NPN BDT81 – BDT83 – BDT85 – BDT87
The BDT82 – BDT84 – BDT86 – BDT88 are PNP epitaxial base transistors in a TO-220 plastic envelope.
They are intended for use in audio output stages and general amplifier and switching appications.
NPN complements are BDT81 – BDT83 – BDT85 – BDT87.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BDT82
60
BDT84
80
BDT86
100
-VCEO
Collector-Emitter Voltage
-IB = 0
BDT88
120
V
BDT82
60
BDT84
80
BDT86
100
-VCBO
Collector-Base Voltage
-IE = 0
BDT88
120
V
BDT82
BDT84
BDT86
-VEBO
Emitter-Base Voltage
-IC = 0
BDT88
7V
BDT82
BDT84
BDT86
-IC
Collector Current
BDT88
15
A
BDT82
BDT84
BDT86
-ICM
Collector Peak Current
BDT88
20
A
BDT82
BDT84
BDT86
-IB
Base Current
BDT88
4A
BDT82
BDT84
BDT86
Pt
Total Power Dissipation
@ TC = 25°
BDT88
125
Watts
S
SIIL
LIIC
CO
ON
N P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
R


Similar Part No. - BDT82

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82 ISC-BDT82 Datasheet
116Kb / 2P
isc Silicon PNP Power Transistors
logo
Comset Semiconductor
BDT82 COMSET-BDT82 Datasheet
151Kb / 4P
SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDT82 NJSEMI-BDT82 Datasheet
129Kb / 2P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
BDT82F NJSEMI-BDT82F Datasheet
127Kb / 2P
Silicon PNP Power Transistors
More results

Similar Description - BDT82

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
Silicon Power Transistor
logo
Renesas Technology Corp
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
SILICON POWER TRANSISTOR
2SA1412-Z RENESAS-2SA1412-Z Datasheet
785Kb / 6P
SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
SILICON POWER TRANSISTOR
2SC4331 RENESAS-2SC4331 Datasheet
276Kb / 7P
SILICON POWER TRANSISTOR
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com