Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC206N Datasheet(PDF) 1 Page - Comset Semiconductor

Part # TIC206N
Description  SILICON BIDIRECTIONAL TRIODE THYRISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC206N Datasheet(HTML) 1 Page - Comset Semiconductor

  TIC206N Datasheet HTML 1Page - Comset Semiconductor TIC206N Datasheet HTML 2Page - Comset Semiconductor TIC206N Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TIC206A, TIC206B, TIC206D, TIC206M, TIC206N, TIC206S
Page 1 of 3
SEMICONDUCTORS
DESCRIPTION
This device is a bidirectional triode thyristor (triac) which may be triggered from the off-state
to the on-state by either polarity of gate signal with main Terminal 2 at either polarity.
ABSOLUTE MAXIMUM RATINGS
Value
Unit
Symbol
Ratings
A
B
D
M
S
N
VDRM
Repetitive peak off-state voltage
(see Note1)
100
200
400
600
700
800
V
IT(RMS)
Full-cycle RMS on-state current at (or
below) 70°C case temperature (see note2)
4
A
ITSM
Peak on-state surge current full-sine-wave
(see Note3)
25
A
ITSM
Peak on-state surge current half-sine-wave
(see Note4)
30
A
IGM
Peak gate current
± 0.2
A
PGM
Peak gate power dissipation at (or below)
85°C case temperature (pulse width ≤200
µs)
1.3
W
PG(AV)
Average gate power dissipation at (or
below) 85°C case (see Note5)
0.3
W
TC
Operating case temperature range
-40 to +110
°C
Tstg
Storage temperature range
-40 to +125
°C
TL
Lead temperature 1.6 mm from case for 10
seconds
230
°C
SILICON BIDIRECTIONAL TRIODE THYRISTOR
•
4 A RMS
•
Glass Passivated Wafer
•
100 V to 800 V Off-State Voltage
•
Max IGT of 5 mA (Quadrants 1-3)
•
Sensitive gate triacs
•
Compliance to ROHS


Similar Part No. - TIC206N

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC206N POINN-TIC206N Datasheet
95Kb / 5P
SILICON TRIACS
logo
Comset Semiconductor
TIC206N COMSET-TIC206N Datasheet
164Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
New Jersey Semi-Conduct...
TIC206N NJSEMI-TIC206N Datasheet
112Kb / 2P
SILICON TRIACS
More results

Similar Description - TIC206N

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TMA12X SANKEN-TMA12X Datasheet
275Kb / 12P
Triac (Bidirectional Triode Thyristor)
logo
Comset Semiconductor
TIC216A COMSET-TIC216A Datasheet
209Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC225A COMSET-TIC225A Datasheet
211Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226A COMSET-TIC226A Datasheet
212Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC246B COMSET-TIC246B Datasheet
210Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC206A COMSET-TIC206A_12 Datasheet
164Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC225A COMSET-TIC225A_12 Datasheet
164Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226A COMSET-TIC226A_12 Datasheet
165Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC246B COMSET-TIC246B_12 Datasheet
164Kb / 3P
SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
Digitron Semiconductors
SC250 DIGITRON-SC250 Datasheet
331Kb / 4P
BIDIRECTIONAL TRIODE THYRISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com