Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE5569ASTZF62 Datasheet(PDF) 94 Page - Analog Devices

Part # ADE5569ASTZF62
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5569ASTZF62 Datasheet(HTML) 94 Page - Analog Devices

Back Button ADE5569ASTZF62 Datasheet HTML 90Page - Analog Devices ADE5569ASTZF62 Datasheet HTML 91Page - Analog Devices ADE5569ASTZF62 Datasheet HTML 92Page - Analog Devices ADE5569ASTZF62 Datasheet HTML 93Page - Analog Devices ADE5569ASTZF62 Datasheet HTML 94Page - Analog Devices ADE5569ASTZF62 Datasheet HTML 95Page - Analog Devices ADE5569ASTZF62 Datasheet HTML 96Page - Analog Devices ADE5569ASTZF62 Datasheet HTML 97Page - Analog Devices ADE5569ASTZF62 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 94 of 156
INTERRUPT FLAGS
The interrupt flags and status flags associated with the interrupt vectors are shown in Table 85 and Table 86, respectively. Most of the
interrupts have flags associated with them.
Table 85. Interrupt Flags
Interrupt Source
Flag
Bit Name
Description
IE0
TCON[1]
IE0
External Interrupt 0.
TF0
TCON[5]
TF0
Timer 0.
IE1
TCON[3]
IE1
External Interrupt 1.
TF1
TCON[7]
TF1
Timer 1.
RI + TI
SCON[1]
TI
Transmit interrupt.
SCON[0]
RI
Receive interrupt.
RI2 + TI2
SCON2[1]
TI2
Transmit 2 interrupt.
SCON2[0]
RI2
Receive 2 interrupt.
TF2 + EXF2
T2CON[7]
TF2
Timer 2 overflow flag.
T2CON[6]
EXF2
Timer 2 external flag.
ITEMP (Temperature ADC)
N/A
N/A
Temperature ADC interrupt. Does not have an interrupt flag associated with it.
IPSM (Power Supply)
IPSMF[6]
FPSM
PSM interrupt flag.
IADE (Energy Measurement DSP)
MIRQSTL[7]
ADEIRQFLAG
Read MIRQSTH, MIRQSTM, MIRQSTL.
Table 86. Status Flags
Interrupt Source
Flag
Bit Name
Description
ITEMP (Temperature ADC)
N/A
N/A
Temperature ADC interrupt. Does not have a status flag associated with it.
ISPI/I2CI
SPI2CSTAT1
N/A
SPI interrupt status register.
SPI2CSTAT
N/A
I2C interrupt status register.
IRTC (RTC Interval Timer)
TIMECON[6]
ALFLAG
RTC alarm flag.
TIMECON[2]
ITFLAG
RTC interrupt flag.
WDT (Watchdog Timer)
WDCON[2]
WDS
Watchdog timeout flag.
1 There is no specific flag for ISPI/I2CI; however, all flags for SPI2CSTAT need to be read to assess the reason for the interrupt.
A functional block diagram of the interrupt system is shown in
Figure 89. Note that the PSM interrupt is the only interrupt in
the highest priority level.
If an external wake-up event occurs to wake the ADE5166/
ADE5169/ADE5566/ADE5569 from PSM2 mode, a pending
external interrupt is generated. When the EX0 bit (Bit 0) or the
EX1 bit (Bit 2) in the interrupt enable SFR (IE, Address 0xA8) is
set to enable external interrupts, the program counter is loaded
with the IE0 or IE1 interrupt vector. The IE0 and IE1 interrupt
flags (Bit 1 and Bit 3, respectively) in the Timer/Counter 0 and
Timer/Counter 1 control SFR (TCON, Address 0x88) are not
affected by events that occur when the 8052 MCU core is shut
down during PSM2 mode (see the Power Supply Management
(PSM) Interrupt section).
The temperature ADC and I2C/SPI interrupts are latched such
that pending interrupts cannot be cleared without entering their
respective interrupt service routines. Clearing the I2C/SPI status
bits in the SPI interrupt status SFR (SPISTAT, Address 0xEA)
does not cancel a pending I2C/SPI interrupt. These interrupts
remain pending until the I2C/SPI interrupt vectors are enabled.
Their respective interrupt service routines are entered shortly
thereafter.
The RTC interrupts are driven by the alarm and interval flags.
Pending RTC interrupts can be cleared without entering the
interrupt service routine by clearing the corresponding RTC
flag in software. Entering the interrupt service routine alone
does not clear the RTC interrupt.
Figure 89 shows how the interrupts are cleared when the inter-
rupt service routines are entered. Some interrupts with multiple
interrupt sources are not automatically cleared, specifically, the
PSM, ADE, UART, UART2, and Timer 2 interrupt vectors. Note
that the INT0 and INT1 interrupts are cleared only if the external
interrupt is configured to be triggered by a falling edge by setting
IT0 (Bit 0) and IT1 (Bit 2) in the Timer/Counter 0 and Timer/
Counter 1 control SFR (TCON, Address 0x88). If INT0 or INT1
is configured to interrupt on a low level, the interrupt service
routine is reentered until the respective pin goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com