Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT30DF100HJ Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT30DF100HJ
Description  ISOTOP Fast Diode Full Bridge Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30DF100HJ Datasheet(HTML) 3 Page - Microsemi Corporation

  APT30DF100HJ Datasheet HTML 1Page - Microsemi Corporation APT30DF100HJ Datasheet HTML 2Page - Microsemi Corporation APT30DF100HJ Datasheet HTML 3Page - Microsemi Corporation APT30DF100HJ Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APT30DF100HJ
www.microsemi.com
3- 4
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
TJ=25°C
TJ=125°C
0
20
40
60
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF, Anode to Cathode Voltage (V)
Forward Current vs Forward Voltage
IRRM vs. Current Rate of Charge
20 A
40 A
80 A
0
10
20
30
40
0
200
400
600
800
1000 1200
-diF/dt (A/µs)
TJ=125°C
VR=667V
Trr vs. Current Rate of Charge
20 A
40 A
80 A
100
150
200
250
300
350
400
0
200
400
600
800
1000 1200
-diF/dt (A/µs)
TJ=125°C
VR=667V
QRR vs. Current Rate Charge
20 A
40 A
80 A
0
1
2
3
4
0
200
400
600
800
1000
1200
-diF/dt (A/µs)
TJ=125°C
VR=667V
Capacitance vs. Reverse Voltage
0
25
50
75
100
125
150
175
1
10
100
1000
VR, Reverse Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com